Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT970ATC Datasheet(PDF) 10 Page - Intel Corporation

Part # LXT970ATC
Description  Dual-Speed Fast Ethernet Transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT970ATC Datasheet(HTML) 10 Page - Intel Corporation

Back Button LXT970ATC Datasheet HTML 6Page - Intel Corporation LXT970ATC Datasheet HTML 7Page - Intel Corporation LXT970ATC Datasheet HTML 8Page - Intel Corporation LXT970ATC Datasheet HTML 9Page - Intel Corporation LXT970ATC Datasheet HTML 10Page - Intel Corporation LXT970ATC Datasheet HTML 11Page - Intel Corporation LXT970ATC Datasheet HTML 12Page - Intel Corporation LXT970ATC Datasheet HTML 13Page - Intel Corporation LXT970ATC Datasheet HTML 14Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 74 page
background image
LXT970A — Dual-Speed Fast Ethernet Transceiver
10
Datasheet
1.0
Pin Assignments and Signal Descriptions
Figure 2. LXT970A Pin Assignments
Table 1.
LXT970A Power Supply Signal Descriptions
Pin#1
Pin Name
I/O
Signal Description
19, 22
VCCT, GNDT
-
Transmitter Supply (+5V) and Ground. (Analog plane)
37, 31
VCCR, NDR
-
Receiver Supply (+5V) and Ground. (Analog plane)
24, 26
VCCA, NDA
-
Analog Supply (+5V) and Ground.
9, 43
VCCD, GNDD
-
Digital Supply (+5V) and Ground.
53, 52
VCCIO, GNDIO
-
MII Supply (+3.3V or +5V) and Ground. (Digital plane)
1. Pin numbers apply to all package types.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
RXD2
RXD3
RXD4
MDC
MDIO
GNDD
LEDR
LEDT
LEDL
LEDC
LEDS
VCCR
N/C
N/C
PWRDWN
CFG1
CRS
FDS/MDINT
TRSTE
MF4
MF3
MF2
MF1
MF0
VCCD
TEST
XO
XI
FDE
CFG0
MDDIS
RESET
LXT970AQC/ATC XX
XXXXXX
XXXXXXXX
Part #
LOT #
FPO #
Rev #



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com