Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT970ATC Datasheet(PDF) 1 Page - Intel Corporation

Part # LXT970ATC
Description  Dual-Speed Fast Ethernet Transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT970ATC Datasheet(HTML) 1 Page - Intel Corporation

  LXT970ATC Datasheet HTML 1Page - Intel Corporation LXT970ATC Datasheet HTML 2Page - Intel Corporation LXT970ATC Datasheet HTML 3Page - Intel Corporation LXT970ATC Datasheet HTML 4Page - Intel Corporation LXT970ATC Datasheet HTML 5Page - Intel Corporation LXT970ATC Datasheet HTML 6Page - Intel Corporation LXT970ATC Datasheet HTML 7Page - Intel Corporation LXT970ATC Datasheet HTML 8Page - Intel Corporation LXT970ATC Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 74 page
background image
LXT970A
Dual-Speed Fast Ethernet Transceiver
Datasheet
The LXT970A is an enhanced derivative of the LXT970 10/100 Mbps Fast Ethernet PHY
Transceiver that supports selectable driver strength capabilities and link-loss criteria. The
LXT970A supports 100BASE-TX, 10BASE-T, and 100BASE-FX applications. It provides a
Media Independent Interface (MII) for easy attachment to 10/100 Media Access Controllers
(MAC)s and a pseudo-ECL interface for use with 100BASE-FX fiber networks.
The LXT970A supports full-duplex operation at 10 and 100 Mbps. Its operating condition is set
using auto-negotiation, parallel detection or manual control. The encoder may be bypassed for
symbol mode applications.
The LXT970A is fabricated with an advanced CMOS process and requires only a single 5V
power supply. The MII may be operated independently with either a 5V or a 3.3V supply.
Applications
Product Features
s
Combination 10BASE-T/100BASE-TX
Network Interface Cards (NICs)
s
10/100 Switches, 10/100 Printservers
s
100BASE-FX Network Interface Cards
(NICs)
s
IEEE 802.3 Compliant:
— 10BASE-T and 100BASE-TX using a
single RJ-45 connection.
— Supports auto-negotiation and parallel
detection for legacy systems.
— MII interface with extended register
capability.
s
Robust baseline wander correction
performance.
s
100BASE-FX fiber optic capable.
s
Standard CSMA/CD or full-duplex
operation.
s
Configurable via MII serial port or external
control pins.
s
Configurable for DTE or switch
applications.
s
CMOS process with single 5Vsupply
operation
with provision for interface to 3.3V MII
bus.
s
Integrated LED drivers.
s
Integrated supply monitor and line
disconnect during low supply fault.
s
Available in:
— 64-pin TQFP (LXT970ATC)
— 64-pin PQFP (LXT970AQC)
s
Commercial temperature range (0 - 70oC
ambient).
As of January 15, 2001, this document replaces the Level One document
Order Number: 249099-001
LXT970A — Dual-Speed Fast Ethernet Transceiver.
January 2001


Similar Part No. - LXT970ATC

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
LXT970A PULSE-LXT970A Datasheet
253Kb / 12P
LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
More results

Similar Description - LXT970ATC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STE100P STMICROELECTRONICS-STE100P Datasheet
193Kb / 29P
10/100 FAST ETHERNET 3.3V TRANSCEIVER
Jan-2000
logo
Level One
LXT970 LVL1-LXT970 Datasheet
3Mb / 56P
Fast Ethernet Transceiver
logo
Intel Corporation
LXT972A INTEL-LXT972A Datasheet
833Kb / 70P
3.3V Dual-Speed Fast Ethernet Transceiver Datasheet
logo
SMSC Corporation
LAN83C180 SMSC-LAN83C180 Datasheet
181Kb / 10P
10/100 FAST ETHERNET PHY TRANSCEIVER
logo
STMicroelectronics
STE101P STMICROELECTRONICS-STE101P Datasheet
103Kb / 5P
10/100 Fast ethernet 3.3V transceiver
10-Feb-2006
logo
Intel Corporation
LXT971A INTEL-LXT971A Datasheet
650Kb / 90P
3.3V Dual-Speed Fast Ethernet PHY Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
SPFEIM100_G AVAGO-SPFEIM100_G Datasheet
316Kb / 5P
Fiber Optic Transceiver For Fast Ethernet
logo
Source Photonics, Inc.
SP-FE-LX-CDA SOURCE-SP-FE-LX-CDA Datasheet
589Kb / 7P
Fast Ethernet SFP Transceiver
logo
STMicroelectronics
AN1301 STMICROELECTRONICS-AN1301 Datasheet
160Kb / 8P
SINGLE PORT FAST ETHERNET TRANSCEIVER
26-Oct-2000
logo
Broadcom Corporation.
BCM5222 BOARDCOM-BCM5222_05 Datasheet
1Mb / 76P
Dual Port 10/100BASE-TX IEEE 802.3u Fast Ethernet Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com