Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT970ATC Datasheet(PDF) 16 Page - Intel Corporation

Part # LXT970ATC
Description  Dual-Speed Fast Ethernet Transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT970ATC Datasheet(HTML) 16 Page - Intel Corporation

Back Button LXT970ATC Datasheet HTML 12Page - Intel Corporation LXT970ATC Datasheet HTML 13Page - Intel Corporation LXT970ATC Datasheet HTML 14Page - Intel Corporation LXT970ATC Datasheet HTML 15Page - Intel Corporation LXT970ATC Datasheet HTML 16Page - Intel Corporation LXT970ATC Datasheet HTML 17Page - Intel Corporation LXT970ATC Datasheet HTML 18Page - Intel Corporation LXT970ATC Datasheet HTML 19Page - Intel Corporation LXT970ATC Datasheet HTML 20Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 74 page
background image
LXT970A — Dual-Speed Fast Ethernet Transceiver
16
Datasheet
Table 8 summarizes the relationship between input voltage levels (VMF1, VMF2, VMF3, VMF4) and
the configuration function for each of the MF input pins. Each MF pin shows two configuration
inputs; configuration function and MII address. The initial setting of the corresponding bit is also
shown.
Table 8.
MF Pin Function Settings1, 3
Input Voltage Levels2
Pin
Function
VMF1 (5V)
VMF2 (3.5V)
VMF3 (1.5V)
VMF4 (0V)
MF0
MII Address Bit 0
1100
Auto-Negotiation
Sets the initial value of bit
0.12
Disabled
(0.12 = 0)
Enabled
(0.12 = 1)
Enabled
(0.12 = 1)
Disabled
(0.12 = 0)
MF1
MII Address Bit 1
1100
Repeater / DTE Mode
Sets the initial value of bit
19.13
DTE
(19.13 = 0)
Repeater
(19.13 = 1)
Repeater
(19.13 = 1)
DTE
(19.13 = 0)
MF2
MII Address Bit 2
1100
Nibble (4B) / Symbol (5B) Mode
Sets the initial value of bit
19.4
Nibble (4B)
(19.4 = 0)
Symbol (5B)
(19.4 = 1)
Symbol (5B)
(19.4 = 1)
Nibble (4B)
(19.4 = 0)
MF3
MII Address Bit 3
1100
Scrambler Operation
Sets the initial value of bit
19.3
Enabled
(19.3 = 0)
Bypassed
(19.3 = 1)
Bypassed
(19.3 = 1)
Enabled
(19.3 = 0)
MF4
MII Address Bit 4
1100
If Auto-Negotiate Enabled via
MF0, MF4 works in combination
with CFG1 to control operating
speed and duplex advertisement
capabilities via bits 4.5 - 4.8.
See Table 9 for details.
If Auto-Negotiate Disabled via
MF0, MF4 selects either
TX or FX Mode
Sets the initial value of bit
19.2
100TX
(19.2 = 0)
100FX
(19.2 = 1)
100FX
(19.2 = 1)
100TX
(19.2 = 0)
1. In MDIO Control Mode, the MF pins control only the initial or default value for the respective register bits. In Manual Control
mode, the MF pins provide continuous control of the respective register bits.
2. Input Voltage Levels (VMF1, VMF2, VMF3, VMF4) for MF pins.
3. See Table 12 through Table 14 for operating configuration set-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com