Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT970ATC Datasheet(PDF) 20 Page - Intel Corporation

Part # LXT970ATC
Description  Dual-Speed Fast Ethernet Transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT970ATC Datasheet(HTML) 20 Page - Intel Corporation

Back Button LXT970ATC Datasheet HTML 16Page - Intel Corporation LXT970ATC Datasheet HTML 17Page - Intel Corporation LXT970ATC Datasheet HTML 18Page - Intel Corporation LXT970ATC Datasheet HTML 19Page - Intel Corporation LXT970ATC Datasheet HTML 20Page - Intel Corporation LXT970ATC Datasheet HTML 21Page - Intel Corporation LXT970ATC Datasheet HTML 22Page - Intel Corporation LXT970ATC Datasheet HTML 23Page - Intel Corporation LXT970ATC Datasheet HTML 24Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 74 page
background image
LXT970A — Dual-Speed Fast Ethernet Transceiver
20
Datasheet
The LXT970A does not support the Signal Detect Function. However, the PMA functions of the
LXT970A guarantee that it will detect invalid link conditions and break down a link, even without
the Signal Detect function.
In applications where the Fiber Interface is not used, the inputs and outputs may be left
unconnected. The Fiber Interface is disabled in power down mode and when the Twisted-Pair
Interface is enabled. When the Fiber Interface is disabled its outputs are pulled to ground.
2.2.3
MII Interface
The LXT970A implements the Media Independent Interface (MII) as defined in the IEEE 802.3.
This interface consists of a data interface and a management interface as shown in Figure 4. The
data interface is used for exchanging data between a 10/100 802.3 compliant Ethernet Media
Access Controller (MAC) and the LXT970A. The management portion of the interface allows
network management functions to control and monitor the LXT970A.
2.2.3.1
Selectable Driver Levels
The LXT970A supports two options for driver-strength capabilities that can be selected via bit
17.3.
High-strength (bit 17.3 = 0, default) MII driver level can effectively source 50 - 60 mA. To avoid
undershoot or overshoot, series termination resistors are recommended on all output signals when
this driver level is selected.
Reduced (bit 17.3 = 1) MII driver level relaxes the pull-down strength of the MII signals by a
factor of ten and the pull-up strength by a factor of eight. Termination resistors are not required on
the MII outputs when this driver level is selected.
Figure 4. MII Interface
LXT970A
Media Access Controller
Media Independent
Interface (MII)
Data
Mgmt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com