Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT970ATC Datasheet(PDF) 30 Page - Intel Corporation

Part # LXT970ATC
Description  Dual-Speed Fast Ethernet Transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT970ATC Datasheet(HTML) 30 Page - Intel Corporation

Back Button LXT970ATC Datasheet HTML 26Page - Intel Corporation LXT970ATC Datasheet HTML 27Page - Intel Corporation LXT970ATC Datasheet HTML 28Page - Intel Corporation LXT970ATC Datasheet HTML 29Page - Intel Corporation LXT970ATC Datasheet HTML 30Page - Intel Corporation LXT970ATC Datasheet HTML 31Page - Intel Corporation LXT970ATC Datasheet HTML 32Page - Intel Corporation LXT970ATC Datasheet HTML 33Page - Intel Corporation LXT970ATC Datasheet HTML 34Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 74 page
background image
LXT970A — Dual-Speed Fast Ethernet Transceiver
30
Datasheet
2.4.2.1
Manual Configuration
The LXT970A can be manually configured to force operation in the following modes:
• 100FX, full-duplex
• 100FX, half-duplex
• 100TX, full-duplex
• 100TX, half-duplex
• 10T, full-duplex
• 10T, half-duplex
Refer to Table 12 through Table 14 in the Hardware Control Interface discussion for specific
manual configuration settings.
2.4.2.2
Auto-Negotiation/Parallel Detection
With auto-negotiation enabled at power-up or reset, the LXT970A attempts to establish link
operating conditions with its partner by sending Fast Link Pulse (FLP) bursts.
If the link partner is also capable of auto-negotiation, the two devices exchange FLP bursts to
communicate their capabilities to each other. Each side finds the highest common capabilities that
both sides can support and then begins operating in that mode.
If the link partner is not capable of auto-negotiation, it transmits either 10 Mbps Normal Link
Pulses (NLP) or 100 Mbps Idle symbols. When the LXT970A detects either NLPs or Idle symbols,
it automatically configures to match the detected operating speed in half-duplex mode. This ability
allows the LXT970A to communicate with devices that do not support auto-negotiation.
Figure 11. LXT970A Initialization Sequence
Power-up or Reset
Check Value
MDDIS
High
Low
MDIO Control
Mode
Exit
Manual Control
Mode
Disable MDIO Writes
Read H/W Control
Interface
Initialize MDIO Registers
Read H/W Control
Interface
Pass Control to MDIO
Interface
Update MDIO Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com