Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT970ATC Datasheet(PDF) 26 Page - Intel Corporation

Part # LXT970ATC
Description  Dual-Speed Fast Ethernet Transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT970ATC Datasheet(HTML) 26 Page - Intel Corporation

Back Button LXT970ATC Datasheet HTML 22Page - Intel Corporation LXT970ATC Datasheet HTML 23Page - Intel Corporation LXT970ATC Datasheet HTML 24Page - Intel Corporation LXT970ATC Datasheet HTML 25Page - Intel Corporation LXT970ATC Datasheet HTML 26Page - Intel Corporation LXT970ATC Datasheet HTML 27Page - Intel Corporation LXT970ATC Datasheet HTML 28Page - Intel Corporation LXT970ATC Datasheet HTML 29Page - Intel Corporation LXT970ATC Datasheet HTML 30Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 74 page
background image
LXT970A — Dual-Speed Fast Ethernet Transceiver
26
Datasheet
2.2.4
Hardware Control Interface
The Hardware Control Interface consists of MF<4:0>, CFG <1:0> and FDE input pins. This
interface is used to configure operating characteristics of the LXT970A and to determine the
MDIO Address. When MDDIS is Low, the Hardware Control Interface provides initial values for
the MDIO registers, and then passes control to the MDIO Interface.
When MDDIS is High, the Hardware Control Interface provides continuous control over the
LXT970A. Individual chip addressing allows multiple LXT970A devices to share the MII in either
mode. Table 12, Table 13 and Table 14 show how to set up the desired operating configurations
using the Hardware Control Interface.
.
Table 12. Configuring the LXT970A via Hardware Control
Desired Configuration
Pin Name
Voltage Level
MDIO Registers
Auto-Negotiation Enabled1
MF0
VMF2, VMF30.12 = 1
Auto-Negotiation Disabled2
MF0
VMF1, VMF40.12 = 0
Normal Operation
(DTE Mode, Nibble Mode, Scrambler Enabled)
MF1
MF2
MF3
VMF1, VMF4
19.13 = 0
19.4 = 0
19.3 = 0
Repeater Mode
MF1
VMF2, VMF3
19.13 = 1
Symbol Mode
MF2
VMF2, VMF3
19.4 = 1
Scrambler Bypass Mode
MF3
VMF2, VMF3
19.3 = 1
1. Refer to Table 13 for Hardware Control Interface functions available when auto-negotiation is enabled.
2. Refer to Table 14 for Hardware Control Interface functions available when auto-negotiation is disabled.
Table 13. LXT970A Operating Configurations / Auto-Negotiation Enabled
Desired
Configuration1,2
Input Value
MDIO Registers
MF4
CFG1
FDE
4.5
4.6
4.7
4.8
Advertise All
VMF1, VMF4
Low
Ignore
1
1
1
1
Advertise 100 HD
VMF2, VMF3
Low
Low
00
10
Advertise 100 HD/FD
VMF2, VMF3
Low
High
0
0
1
1
Advertise 10 HD
VMF1, VMF4
High
Low
10
00
Advertise 10 HD/FD
VMF1, VMF4
High
High
1
1
0
0
Advertise 10/100 HD
VMF2, VMF3
High
Low
10
10
Advertise 10/100 HD/FD
VMF2, VMF3
High
High
1
1
1
1
1. Refer to Table 12 for basic configurations.
2. Refer to Table 14 for Hardware Control Interface functions available when auto-negotiation is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com