Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT970ATC Datasheet(PDF) 43 Page - Intel Corporation

Part # LXT970ATC
Description  Dual-Speed Fast Ethernet Transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT970ATC Datasheet(HTML) 43 Page - Intel Corporation

Back Button LXT970ATC Datasheet HTML 39Page - Intel Corporation LXT970ATC Datasheet HTML 40Page - Intel Corporation LXT970ATC Datasheet HTML 41Page - Intel Corporation LXT970ATC Datasheet HTML 42Page - Intel Corporation LXT970ATC Datasheet HTML 43Page - Intel Corporation LXT970ATC Datasheet HTML 44Page - Intel Corporation LXT970ATC Datasheet HTML 45Page - Intel Corporation LXT970ATC Datasheet HTML 46Page - Intel Corporation LXT970ATC Datasheet HTML 47Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 74 page
background image
Dual-Speed Fast Ethernet Transceiver — LXT970A
Datasheet
43
The recommended implementation is to divide the VCC plane into two sections. The digital
section supplies power to the digital VCC pin, VCCIO pin, and to the external components. The
analog section supplies power to VCCA, VCCT, and VCCR pins of the LXT970A. The break
between the two planes should run under the device. In designs with more than one LXT970A, a
single continuous analog VCC plane can be used to supply them all.
The digital and analog VCC planes should be joined at one or more points by ferrite beads. The
beads should produce at least a 100
Ω impedance at 100 MHz. The beads should be placed so that
current flow is evenly distributed. The maximum current rating of the beads should be at least
150% of the current that is actually expected to flow through them. A bulk cap (2.2 -10
µF) should
be placed on each side of each ferrite bead to stop switching noise from traveling through the
ferrite.
In addition, a high-frequency bypass cap (.01
µf) should be placed near each analog VCC pin.
3.3.3
Ground Noise
The best approach to minimize ground noise is strict use of good general design guidelines and by
filtering the VCC plane.
3.3.4
Power and Ground Plane Layout Considerations
Great care needs to be taken when laying out the power and ground planes. The following
guidelines are recommended:
• Follow the guidelines in the LXT970 Layout Guide for locating the split between the digital
and analog VCC planes.
• Keep the digital VCC plane away from the TPOP/N and TPIP/N signals, away from the
magnetics, and away from the RJ-45 connectors.
• The ground plane should be one continuous, unbroken plane.
• Place the layers so that the TPOP/N and TPIP/N signals can be routed near or next to the
ground plane. It is more important to shield TPOP/N than TPIP/N for EMI reasons.
3.3.5
Interfaces for Twisted-Pair /Fiber
3.3.5.1
Twisted-Pair
Figure 21 on page 46 shows the recommended termination circuits for the fiber and twisted-pair
interfaces. The twisted-pair interface consists of magnetics and a 100
Ω termination resistance in
parallel on the device-side of the winding. On the transmit pair, a common-mode bypass capacitor
to ground is strongly recommended. A similar technique on the receive side can improve
performance in some cases, however the results are highly application specific and must be
verified. Route TREF nearby, but not in-between TPOP and TPON. A “Bob Smith” termination is
often provided for the unused signal pairs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com