Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT970ATC Datasheet(PDF) 53 Page - Intel Corporation

Part # LXT970ATC
Description  Dual-Speed Fast Ethernet Transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT970ATC Datasheet(HTML) 53 Page - Intel Corporation

Back Button LXT970ATC Datasheet HTML 49Page - Intel Corporation LXT970ATC Datasheet HTML 50Page - Intel Corporation LXT970ATC Datasheet HTML 51Page - Intel Corporation LXT970ATC Datasheet HTML 52Page - Intel Corporation LXT970ATC Datasheet HTML 53Page - Intel Corporation LXT970ATC Datasheet HTML 54Page - Intel Corporation LXT970ATC Datasheet HTML 55Page - Intel Corporation LXT970ATC Datasheet HTML 56Page - Intel Corporation LXT970ATC Datasheet HTML 57Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 74 page
background image
Dual-Speed Fast Ethernet Transceiver — LXT970A
Datasheet
53
Figure 24. MII - 100BASE-TX Receive Timing / 5B Mode
Table 33. MII - 100BASE-TX Receive Timing Parameters / 5B Mode
Parameter
Sym
Min
Typ
1
Max
Units3
RXD, RX_DV, RX_ER Setup to RX_CLK High
t3A
10
––
ns
RXD, RX_DV, RX_ER Hold from RX_CLK High
t3B
10
––
ns
CRS asserted to RX_DV asserted
t3C
–
8
–
BT
CRS asserted to RXD<4:0> asserted
t3D
–
4
–
BT
Receive start of “J” to CRS asserted
t3E
0
15 - 19
20
BT
Receive start of “T” to CRS de-asserted
t3F
13
23 - 27
28
BT
Receive start of “J” to COL asserted
t3G
0
15 - 19
20
BT
Receive start of “T” to COL de-asserted
t3H
13
23 - 27
28
BT
TRSTE asserted to RX_DV, RXD<4:0> driven2
t3I
–
20
–
ns
1. Typical values are at 25 °C and are for design aid only; not guaranteed and not subject to production testing.
2. These parameters apply only when the device is operated in Repeater Mode.
3. BT is the duration of one bit as transferred to and from the MAC and is the reciprocal of the bit rate. 100BASE-T bit time = 10-
8 s or 10 ns.
Note
2
t3E
t3F
t3C
t3I1
t3D
t3G
t3H
0ns
250ns
TPIP
CRS
TRSTE1
RX_DV
RXD<4:0>
RX_CLK
COL
t3A
t3B
1. This parameter applies only when the device is operated in Repeater Mode.
2. In Repeater Mode, application circuit must assert TRSTE within time period specified by t4 - t10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com