Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT970ATC Datasheet(PDF) 21 Page - Intel Corporation

Part # LXT970ATC
Description  Dual-Speed Fast Ethernet Transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT970ATC Datasheet(HTML) 21 Page - Intel Corporation

Back Button LXT970ATC Datasheet HTML 17Page - Intel Corporation LXT970ATC Datasheet HTML 18Page - Intel Corporation LXT970ATC Datasheet HTML 19Page - Intel Corporation LXT970ATC Datasheet HTML 20Page - Intel Corporation LXT970ATC Datasheet HTML 21Page - Intel Corporation LXT970ATC Datasheet HTML 22Page - Intel Corporation LXT970ATC Datasheet HTML 23Page - Intel Corporation LXT970ATC Datasheet HTML 24Page - Intel Corporation LXT970ATC Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 74 page
background image
Dual-Speed Fast Ethernet Transceiver — LXT970A
Datasheet
21
2.2.3.2
MII Data Interface
Figure 5 shows the data portion of the MII interface. Separate channels are provided for
transmitting data from the MAC to the LXT970A (TXD), and for receiving data (RXD) from the
line.
Each channel has its own clock, data bus and control signals. The LXT970A supplies both clock
signals as well as separate outputs for carrier sense and collision.
Normal data transmission across the MII is implemented in 4-bit wide nibbles known as 4B Nibble
Mode. In 5B Symbol Mode, a fifth bit allows 5-bit symbols to be sent across the MII. Refer to the
100 Mbps Operation section on page 32 for additional information.
Transmit Clock
The transmit clock (TX_CLK) is normally generated by the LXT970A from the master 25 MHz
reference source at the XI input. However, when the XI input is grounded, TX_CLK becomes the
master reference clock input.
The transmit data and control signals must always be synchronized to TX_CLK by the MAC. The
LXT970A normally samples these signals on the rising edge of TX_CLK. However, Advanced
TX_CLK Mode is available by setting MII register bit 19.5=1. In this mode, the LXT970A
samples the transmit data and control signals on the falling edge of TX_CLK.
Further details of clock modes can be found in the Operating Requirements section on page 27.
Receive Clock
The source of the receive clock varies depending on operating conditions. For 100BASE-TX and
100BASE-FX links, receive clock is continuously recovered from the line. If the link goes down,
and auto-negotiation is disabled, receive clock operates off the master input clock (XI or
TX_CLK).
For 10T links, receive clock is recovered from the line while carrier is active and operates from the
master input clock when the line is idle.
Figure 5. MII Data Interface
LXT970A
Media Access
Controller
MAC
RX_CLK
RXD<3:0>
RX_DV
RX_ER
TX_CLK
TXD<3:0>
TX_EN
TX_ER
CRS
COL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com