Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT970ATC Datasheet(PDF) 59 Page - Intel Corporation

Part # LXT970ATC
Description  Dual-Speed Fast Ethernet Transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT970ATC Datasheet(HTML) 59 Page - Intel Corporation

Back Button LXT970ATC Datasheet HTML 55Page - Intel Corporation LXT970ATC Datasheet HTML 56Page - Intel Corporation LXT970ATC Datasheet HTML 57Page - Intel Corporation LXT970ATC Datasheet HTML 58Page - Intel Corporation LXT970ATC Datasheet HTML 59Page - Intel Corporation LXT970ATC Datasheet HTML 60Page - Intel Corporation LXT970ATC Datasheet HTML 61Page - Intel Corporation LXT970ATC Datasheet HTML 62Page - Intel Corporation LXT970ATC Datasheet HTML 63Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 74 page
background image
Dual-Speed Fast Ethernet Transceiver — LXT970A
Datasheet
59
Figure 30. 10BASE-T SQE (Heartbeat) Timing
Table 39. 10BASE-T SQE (Heartbeat) Timing Parameters
Parameter
Sym
Min
Typ
1
Max
Units
Test Conditions
COL (SQE) Delay after TX_EN off
t9A
0.65
1.0
1.6
µs
COL (SQE) Pulse duration
t9B
.5
1.0
1.5
µs
1. Typical values are at 25 °C and are for design aid only; not guaranteed and not subject to production testing.
Figure 31. 10BASE-T Jab and Unjab Timing
Table 40. 10BASE-T Jab and Unjab Timing Parameters
Parameter
Sym
Min
Typ
1
Max
Units
Test Conditions
Maximum Transmit time
t10A
20
96 - 128
2
150
ms
Unjab time
t10B
250
525
750
ms
1. Typical values are at 25 °C and are for design aid only; not guaranteed and not subject to production testing.
2. Typical transmit time may be either of these values depending on internal 32 ms clock synchronization.
TX_CLK
TX_EN
t9A
t9B
COL
TXD
COL
t10A
t10B
TX_EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com