Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT970ATC Datasheet(PDF) 25 Page - Intel Corporation

Part # LXT970ATC
Description  Dual-Speed Fast Ethernet Transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT970ATC Datasheet(HTML) 25 Page - Intel Corporation

Back Button LXT970ATC Datasheet HTML 21Page - Intel Corporation LXT970ATC Datasheet HTML 22Page - Intel Corporation LXT970ATC Datasheet HTML 23Page - Intel Corporation LXT970ATC Datasheet HTML 24Page - Intel Corporation LXT970ATC Datasheet HTML 25Page - Intel Corporation LXT970ATC Datasheet HTML 26Page - Intel Corporation LXT970ATC Datasheet HTML 27Page - Intel Corporation LXT970ATC Datasheet HTML 28Page - Intel Corporation LXT970ATC Datasheet HTML 29Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 74 page
background image
Dual-Speed Fast Ethernet Transceiver — LXT970A
Datasheet
25
and an optional interrupt line (MDINT). The LXT970A can signal an interrupt using the MDIO
signal as shown in Figure 8. The user can also assign a separate pin for this function. If bit 17.1 = 1,
pin 2 (FDS/MDINT) will be used as an MDINT pin.
The protocol allows one controller to communicate with multiple LXT970A devices. The MF pins
control one bit each of the 5-bit address setting. Each LXT970A is assigned an MII address
between 0 and 31. Details of the MF inputs are shown in Table 7 on page 14. Timing for the MDIO
Interface is shown in Table 42 on page 61. Read and write operations are shown in Figure 9 and
Figure 10. Operation of this interface is controlled by the MDDIS input pin. When MDDIS is High,
the MDIO operates as a read-only interface. When MDDIS is Low, read and write are enabled.
The LXT970A supports twelve 16-bit MDIO registers. Registers 0-6 are required and their
functions are specified by the IEEE 802.3 specification. Additional registers are included for
expanded functionality. The MDIO Register set for the LXT970A is described in Table 45 through
Table 56. Specific bits in the registers are referenced using an “X.Y” notation, where X is the
register number (0-6 or 16-20) and Y is the bit number (0-15).
MII Management Interrupt
The MDINT/FDS pin functions as a management data interrupt on the MII when 17.1 = 1. An
active Low on this pin indicates a status change on the LXT970A. The interrupt is activated when
changes are made to the following conditions:
• Link Status
• Duplex Status
This interrupt is cleared by sequentially reading Register 1 and Register 18.
Figure 8. MDIO Interrupt Signaling
Figure 9. Management Interface - Read Frame Structure
Figure 10. Management Interface - Write Frame Structure
MDC
MDIO
Interrupt
Turn
Around
Z
Idle
0
INT
Read Data
Sourced by
LXT970A
MDIO FRAME
MDC
MDIO
(Read)
32 "1"s
011
0
Preamble
SFD
Op Code
PHY Address
Turn
Around
Z0
A4
A3
A0
R4
R3
R0
Register Address
D15
D14
D1
Data
Idle
Write
Read
D15
D14
D1
D0
Idle
MDC
MDIO
(Write)
32 "1"s
0101
Preamble
SFD
Op Code
PHY Address
Turn
Around
1
0
A4
A3
A0
R4
R3
R0
Register Address
D15
D14
D1
D0
Data
Idle
Idle
Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com