Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT970ATC Datasheet(PDF) 44 Page - Intel Corporation

Part # LXT970ATC
Description  Dual-Speed Fast Ethernet Transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT970ATC Datasheet(HTML) 44 Page - Intel Corporation

Back Button LXT970ATC Datasheet HTML 40Page - Intel Corporation LXT970ATC Datasheet HTML 41Page - Intel Corporation LXT970ATC Datasheet HTML 42Page - Intel Corporation LXT970ATC Datasheet HTML 43Page - Intel Corporation LXT970ATC Datasheet HTML 44Page - Intel Corporation LXT970ATC Datasheet HTML 45Page - Intel Corporation LXT970ATC Datasheet HTML 46Page - Intel Corporation LXT970ATC Datasheet HTML 47Page - Intel Corporation LXT970ATC Datasheet HTML 48Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 74 page
background image
LXT970A — Dual-Speed Fast Ethernet Transceiver
44
Datasheet
3.3.5.2
Fiber
The fiber interface consists of a pseudo-ECL transmit and receive pair to an external fiber optic
transceiver. The transmit pair should be AC-coupled to the transceiver, and biased to 3.7V with a
50
Ω equivalent impedance. The receive pair can be DC-coupled, and should be biased to 3.0V with
a 50
Ω equivalent impedance. Figure 21 on page 46 shows the correct bias networks to achieve
these requirements.
The following guidelines apply to when laying out any differential pair:
• Space both members close together allowing nothing to come between them.
• Keep distances as short as possible, both traces should have the same length.
• Avoid layer changes as much as possible.
• Keep termination circuits close together and on the same side of the board.
• Always put termination circuits close to the source end of any circuit.
3.3.6
Interface for the MII
3.3.6.1
Transmit Hold Time Adjustment
Transmit hold time for TXD, TX_EN, and TX_ER from TX_CLK High is currently specified in
Table 32, Table 34, Table 36, and Table 38 as 5 ns minimum. 0 ns minimum is the IEEE
specification. Depending on the specification of the MAC or ASIC used in your design, you may or
may not need to account for this in your PC board design.
If you determine that a timing adjustment is required, there are a couple of recommended ways to
do this.
• If using series resistors in the TXD lines, increase the value of the resistors to achieve the
necessary delay.
• An alternative method is to add the appropriate delay in the TX_CLK line. Depending on the
amount of delay required, this may be accomplished with a series resistor or by adding a buffer
to the TX_CLK line.
Note that some delay is introduced by the actual PC board traces themselves.
3.3.6.2
MII Terminations
When the LXT970A is configured with high-strength MII driver levels (bit 17.3 = 0), 55
Ω series
termination resistors are recommended on all MII output signals to avoid undershoot and
overshoot.
When 17.3 = 1, the MI driver levels are reduced by a factor of ten and termination resistors are not
required on the MII outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com