Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT970ATC Datasheet(PDF) 48 Page - Intel Corporation

Part # LXT970ATC
Description  Dual-Speed Fast Ethernet Transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT970ATC Datasheet(HTML) 48 Page - Intel Corporation

Back Button LXT970ATC Datasheet HTML 44Page - Intel Corporation LXT970ATC Datasheet HTML 45Page - Intel Corporation LXT970ATC Datasheet HTML 46Page - Intel Corporation LXT970ATC Datasheet HTML 47Page - Intel Corporation LXT970ATC Datasheet HTML 48Page - Intel Corporation LXT970ATC Datasheet HTML 49Page - Intel Corporation LXT970ATC Datasheet HTML 50Page - Intel Corporation LXT970ATC Datasheet HTML 51Page - Intel Corporation LXT970ATC Datasheet HTML 52Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 74 page
background image
LXT970A — Dual-Speed Fast Ethernet Transceiver
48
Datasheet
Table 23. Digital I/O Characteristics1
Parameter
Symbol
Min
Typ
Max
Units
Test Conditions
Input Low Voltage3
VIL
––
.8
V
Input High Voltage3
VIH
2.0
––
V
Input Current
II
-10
–
10
µA0.0 < VI < VCC
Output Low Voltage
VOL
––
0.4
V
IOL = 4 mA
Output High Voltage (MII only)
VOH
2.2
––
VIOH = -4 mA, VCCIO =3.3V
Output High Voltage
VOH
2.4
––
VIOH = -4 mA, VCCIO =5.0V
MII Driver Output Resistance
(Line Driver Output Enabled)
RO2,4
6.0
–
25.0
Ω
VCCIO = 3.3V
RO2,4
6.0
–
25.0
Ω
VCCIO = 5.0V
1. Applies to all pins except MF<4:0> pins. Refer to Table 24 for MF pin I/O Characteristics.
2. Parameter is guaranteed by design and not subject to production testing.
3. Does not apply to XI or TX_CLK pins. Refer to Table 25 for clock input levels.
4. Applies to default MII driver level (bit 17.3= 0).
Table 24. Digital I/O Characteristics - MultiFunction Pins MF<4:0>
Parameter
Symbol
Min
Typ
1
Max
Units
Test Conditions
Input Voltage Level 1
VMF1VCC - 0.5
––
V
Input Voltage Level 2
VMF2(VCC/2) + 0.5
–
VCC - 1.2
V
Input Voltage Level 3
VMF31.2
–
VCC/2 - 0.5
V
Input Voltage Level 4
VMF4
––
0.5
V
1. Typical values are at 25 °C and are for design aid only; not guaranteed and not subject to production testing.
Table 25. Required Clock Characteristics
Parameter
Sym
Min
Typ
1
Max
Units
Test Conditions
Master Clock Mode - External XI Clock Input
Input Low Voltage2
VIL
––
1.0
V
Input High Voltage2
VIH
3.2
––
V
Input Clock Frequency Tolerance2
∆f
––
± 100
ppm
Clock frequency is 25
MHz or 2.5 MHz
Input Clock Duty Cycle2
Tdc
40
–
60
%
Input Capacitance (XI and XO)
CIN
–
3.0
–
pF
Slave Clock Mode - External TX_CLK Input
Input Low Voltage
VIL
––
.8
V
Input High Voltage
VIH
2.0
––
V
Input Clock Frequency Tolerance2
∆f
––
± 100
ppm
Clock frequency is 25
MHz or 2.5 MHz
Input Clock Duty Cycle2
Tdc
35
–
65
%
1. Typical values are at 25 °C and are for design aid only; not guaranteed and not subject to production testing.
2. Parameter is guaranteed by design; not subject to production testing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com