Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3213 Datasheet(PDF) 55 Page - STMicroelectronics

Part # AN3213
Description  ST7570 S-FSK power line networking system-on-chip
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3213 Datasheet(HTML) 55 Page - STMicroelectronics

Back Button AN3213 Datasheet HTML 51Page - STMicroelectronics AN3213 Datasheet HTML 52Page - STMicroelectronics AN3213 Datasheet HTML 53Page - STMicroelectronics AN3213 Datasheet HTML 54Page - STMicroelectronics AN3213 Datasheet HTML 55Page - STMicroelectronics AN3213 Datasheet HTML 56Page - STMicroelectronics AN3213 Datasheet HTML 57Page - STMicroelectronics AN3213 Datasheet HTML 58Page - STMicroelectronics AN3213 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 64 page
background image
AN3213
FAQs and troubleshooting
Doc ID 17429 Rev 1
55/64
the signal level. A signal coupler (for example, a capacitive coupling) between the
two sides of the distribution transformers may be required.
●
Q: What method of coupling is preferred for medium voltage and low voltage mains line:
capacitive or inductive?
–
A: For MV line, capacitive coupling is preferable for narrow-band PLC. In the case
of an LV line, being the actual line impedance unpredictable because of the
number of electrical devices connected on it, the solution should be an L-C series
resonant circuit tuned at channel frequency, designed to have low Q even with
very low line impedance (below 5
Ω).
●
Q: Is it possible to detect the channel quality through the ST7570 device?
–
A: Yes. Using the ST7570 estimators for SNR0 and SNR1, always available for the
external host, it is possible to evaluate the channel quality over the physical link
between transmitter and receiver.
●
Q: Why use zero crossing synchronization?
–
A: As defined in the IEC61334-5-1 document, the mains zero crossing information
is used to define the bit and frame timing and ensure proper time slot
management.
●
Q: What is the minimum signal-to-noise ratio that the ST7570 can manage?
–
A: A bit error rate (BER) of 10-3 is used as reference. In this condition, the ST7570
shows good receiving performance with a signal-to-noise ratio down to 13 dB at
1200 baud, 50 Hz.
●
Q: When data is being transmitted by the ST7570, is it encoded in some way?
–
A: No. The ST7570 has been developed according to the IEC61334-5-1 standard,
which neither requires nor allows coding for PHY and MAC levels.
●
Q: What could be the main sources of harmonic distortion in the ST7570 transmitted
signal?
–
A: Generally, harmonics can rise up because of: high output current, due to low
line impedance; saturation of magnetic components in the line coupling circuit,
due to either poor dimensioning of the saturation current or to 50 Hz residual
current; capacitive load applied to the power amplifier output; insufficient margin to
the supply rails (low VCC or high output voltage).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com