Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3213 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN3213
Description  ST7570 S-FSK power line networking system-on-chip
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3213 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN3213 Datasheet HTML 20Page - STMicroelectronics AN3213 Datasheet HTML 21Page - STMicroelectronics AN3213 Datasheet HTML 22Page - STMicroelectronics AN3213 Datasheet HTML 23Page - STMicroelectronics AN3213 Datasheet HTML 24Page - STMicroelectronics AN3213 Datasheet HTML 25Page - STMicroelectronics AN3213 Datasheet HTML 26Page - STMicroelectronics AN3213 Datasheet HTML 27Page - STMicroelectronics AN3213 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 64 page
background image
ST7570 demonstration board description
AN3213
24/64
Doc ID 17429 Rev 1
JP1, JP4, JP6
Jumper
Close
JP5
Jumper
Open
JP7
Strip 2x2
Right angle - Close 1-2, 3-4
J1
Connector 7x2
Flex connector, male, right angle
L1
220 µH
Epcos B82462-A4224K
L2
22 µH
Epcos B82464-A4223K
R1
1.5 k
Ω
SMD 1206
R2
330
Ω
SMD 1206
R3
150
Ω
SMD 0603
R4, R5
220
Ω
SMD 0603
R6, R7, R16, R17
100 k
Ω
SMD 1206 ¼ W
R8
33 k
Ω
SMD 0603
R9
22 k
Ω
SMD 0603
R10
5.1 k
Ω
SMD 0603
R11, R18
27
Ω
SMD 0603
R12
2 k
Ω
SMD 0603
R13, R14
47 k
Ω
SMD 0603
R15
130
Ω
SMD 0603
R19, R23, R25:R28,
R30:R32, R45:R49
10 k
Ω
SMD 0603
R20
1.5 k
Ω
SMD 0603
R21
100 k
Ω
SMD 0603
R22, R33:R35
4.7 k
Ω
SMD 0603
R24
470
Ω
SMD 0603
R29
820
Ω
SMD 0603
R36
NC
SMD 0603
SW2
Reset button
Right angle
T1A
Line transformer - A
VAC 5024-X044
T1B
Line transformer - B
WE 750-510-231 /
TDK SRW13EP-X05H002
U1
FT232BM
USB to UART converter
U2
ST7570
Power line communication SoC, QFN48
U3
HCPL-091J
Quad digital isolator,
16-pin SOIC narrow body
Y1
6 MHz
HC49U
Table 3.
BOM list (continued)
Part
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com