Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3213 Datasheet(PDF) 47 Page - STMicroelectronics

Part # AN3213
Description  ST7570 S-FSK power line networking system-on-chip
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3213 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button AN3213 Datasheet HTML 43Page - STMicroelectronics AN3213 Datasheet HTML 44Page - STMicroelectronics AN3213 Datasheet HTML 45Page - STMicroelectronics AN3213 Datasheet HTML 46Page - STMicroelectronics AN3213 Datasheet HTML 47Page - STMicroelectronics AN3213 Datasheet HTML 48Page - STMicroelectronics AN3213 Datasheet HTML 49Page - STMicroelectronics AN3213 Datasheet HTML 50Page - STMicroelectronics AN3213 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 64 page
background image
AN3213
ST7570 demonstration board description
Doc ID 17429 Rev 1
47/64
7.6
Surge and burst protection
The specific structure of the coupling interface circuit of the application is a weak point
against high voltage disturbances which may come from the external environment. In fact,
an efficient coupling circuit with low insertion losses realizes, consequently, a low
impedance path from the mains to the power line interface of the device.
For this reason it is recommended to add some specific protections on the mains coupling
path, to prevent high energy disturbances coming from the mains from damaging the
internal power circuitry of the ST7570.
The possible environments for this kind of application can be both indoor and outdoor;
residential, commercial and light-industrial locations. To verify the immunity of the system to
environmental electrical phenomena, a series of immunity specification standards and tests
must be applied to the power line application.
The immunity requirements for any PLC metering application, communicating in the
European A band (9-95 kHz), are listed in the EN50065-2-3 document, which refers to
EN61000 and ENV50204 for tests to be applied (References 3).
These standards include surge tests, both common mode and differential mode (+/- 4 kV
peak, tR = 1.2 µs, tN = 50 µs) and fast transient (burst) tests (+/- 2 kV peak, tR = 5 ns, tH = 50
ns, repetition frequency 5 kHz).
For the application to be able to withstand such a severe electrical overstress, the coupling
capacitor C4 must be a Y2 type part, rated for 5 kV pulses.
In the case of non-metering applications, communicating outside the A band, the
requirements are listed in the EN50065-2-1 document, which set lower pulse levels. In such
a case, an X1 capacitor (e.g. Epcos B32912A3224K) can be used instead of a Y2 part.
Protection devices must also be included in the board design, as described below. Figure 43
and 44 show the protection against common mode disturbances. D4 and D2 low-drop
Schottky diodes are able to quickly absorb fast transient disturbances exceeding the supply
rails. Figure 45 describes the protection intervention in case of differential mode
disturbances. A differential voltage higher than 15 V p-p is clamped by the D1 bi-directional
Transil diode. D1 is the most robust protection and also the one which is able to absorb most
of the energy of any incoming disturbance.
Figure 43.
Common mode disturbance protection - positive disturbance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com