Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3213 Datasheet(PDF) 39 Page - STMicroelectronics

Part # AN3213
Description  ST7570 S-FSK power line networking system-on-chip
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3213 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button AN3213 Datasheet HTML 35Page - STMicroelectronics AN3213 Datasheet HTML 36Page - STMicroelectronics AN3213 Datasheet HTML 37Page - STMicroelectronics AN3213 Datasheet HTML 38Page - STMicroelectronics AN3213 Datasheet HTML 39Page - STMicroelectronics AN3213 Datasheet HTML 40Page - STMicroelectronics AN3213 Datasheet HTML 41Page - STMicroelectronics AN3213 Datasheet HTML 42Page - STMicroelectronics AN3213 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 64 page
background image
AN3213
ST7570 demonstration board description
Doc ID 17429 Rev 1
39/64
Noise and signal are measured independently on the RX_IN pin of the ST7570 through a
spectrum analyzer with a differential 1 M
Ω probe. When measuring the signal level S
S
(expressed in dBµV rms), the transmitting ST7570 device is set in continuous transmission
of a single sine tone, allowing the measurement of the signal level to be performed with a
resolution bandwidth (RBW) of 100 Hz. The probe was removed during communication tests
to avoid any interference.
7.2.3
AWGN tests
These tests are aimed at testing the demonstration board performance against AWGN and
guaranteeing compliance with IEC61334-5-1 requirements (References 5).
The value of injected noise has been kept constant during all performance tests; different
SNR values have been set by changing the signal level on the transmitting ST7570 device.
The measured noise level has been obtained with an RBW equal to 3 kHz. As the spectrum
analyzer is integrating the noise spectral density over its RBW, the actual noise level SN
(expressed in dBµV rms) can be obtained by scaling the measured value to the modulated
signal bandwidth SBW (that is, 1200 or 2400 Hz according to the baud rate). Equation 10
expresses the relationship between measured and actual noise level.
Equation 10
Table 6 gives the actual noise level at each S-FSK tone frequency in the test setup of
Figure 33.
The signal-to-noise ratio (SNR) values for the two S-FSK tones can be calculated as:
and
. The average SNRAV is calculated in accordance with
Equation 11 as in References 3:
Equation 11
The difference found between noise levels on f0 and f1 frequencies is mostly due to non-flat
response of transmission and reception filters. Nevertheless, these values can be
considered as a real case for evaluating the ST7570 demonstration board performance in
communication tests.
SS0 and SS1 have the same unbalancing, so the resulting difference between SNR0 and
SNR1 is about 1 dB.
Table 6.
Noise level SN0 and SN1 during AWGN tests
SBW [Hz]
SN0 [dBμV rms]
SN1 [dBμV rms]
1200
41.12
39.82
2400
44.13
42.83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com