Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3213 Datasheet(PDF) 41 Page - STMicroelectronics

Part # AN3213
Description  ST7570 S-FSK power line networking system-on-chip
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3213 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button AN3213 Datasheet HTML 37Page - STMicroelectronics AN3213 Datasheet HTML 38Page - STMicroelectronics AN3213 Datasheet HTML 39Page - STMicroelectronics AN3213 Datasheet HTML 40Page - STMicroelectronics AN3213 Datasheet HTML 41Page - STMicroelectronics AN3213 Datasheet HTML 42Page - STMicroelectronics AN3213 Datasheet HTML 43Page - STMicroelectronics AN3213 Datasheet HTML 44Page - STMicroelectronics AN3213 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 64 page
background image
AN3213
ST7570 demonstration board description
Doc ID 17429 Rev 1
41/64
7.3
PCB layout guidelines
7.3.1
Thermal performance
The ST7570 device can operate within the standard industrial temperature range, from -40
to 85 °C ambient temperature. Especially in high ambient temperature conditions, the effect
of the power dissipation of the device must be considered to keep it operating in safe
conditions.
Even though the ST7570 features a built-in thermal shutdown circuitry which turns off the
power amplifier (PA) when the die temperature (TJ) exceeds 170 °C, it is recommended not
to exceed 125 °C during normal operation to ensure the functionality of the IC.
A QFN48 package with Exposed Pad has been chosen for the ST7570 device to achieve
very good thermal performance. However, in order to take full advantage of this, the PCB
must be designed to effectively conduct heat away from the package.
To obtain a low impedance thermal path to the PCB, a 5x5 mm thermal pad has been
realized on the top layer under the device. In order to effectively remove the heat, the
exposed pad must be well soldered to the PCB thermal pad. Therefore, the out-gassing
phenomenon due to the soldering process must be controlled to reduce solder voids
between the QFN48 exposed pad and the PCB thermal pad. To achieve this, smaller
multiple openings in the solder paste stencil should be used instead of one big opening on
the thermal pad region. This has also the advantage of reducing the amount of solder paste
used, therefore avoiding bridges with perimeter pads.
A suitable example for the QFN48 package is shown in Figure 35.
Figure 35.
Example of stencil openings for the QFN48 package
Another technique to improve heat conduction on the top layer is to fill all unused areas with
copper tied to the dissipating ground plane.
In order to have an effective heat transfer from the top layer of the PCB to the bottom layer,
thermal vias need to be included within the thermal pad area. If properly designed, thermal
vias are the most efficient paths for removing heat from the device.
An array of 4 x 4 thermal vias at 1.0 mm pitch, with a via diameter of 0.3 mm, have been
incorporated into the thermal pad, as shown in Figure 36 and 37.
To minimize solder wicking effect due to open vias, possibly leading to poor soldering of the
QFN48 exposed pad, the via encroaching technique has been adopted (see bottom-side
image in Figure 37). The bottom-side solder resist has only small openings (nearly 0.2 mm
larger than the via drill diameter) around the vias; the reduced area of exposed copper on
the bottom reduces the amount of solder paste flowing down the vias.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com