Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3213 Datasheet(PDF) 43 Page - STMicroelectronics

Part # AN3213
Description  ST7570 S-FSK power line networking system-on-chip
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3213 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button AN3213 Datasheet HTML 39Page - STMicroelectronics AN3213 Datasheet HTML 40Page - STMicroelectronics AN3213 Datasheet HTML 41Page - STMicroelectronics AN3213 Datasheet HTML 42Page - STMicroelectronics AN3213 Datasheet HTML 43Page - STMicroelectronics AN3213 Datasheet HTML 44Page - STMicroelectronics AN3213 Datasheet HTML 45Page - STMicroelectronics AN3213 Datasheet HTML 46Page - STMicroelectronics AN3213 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 64 page
background image
AN3213
ST7570 demonstration board description
Doc ID 17429 Rev 1
43/64
Connecting the case to ground could be a good practice to reduce the effect of radiated
signals on the oscillator.
7.4
Thermal impedance and power dissipation calculation
The relationship between junction temperature (TJ) and power dissipation during
transmission (PD) is described in the following formula:
Equation 12
where TA is the ambient temperature (from -40 to +85 °C) and ZthJA is the junction to
ambient thermal impedance of the ST7570 IC, which is related to the length of the
transmission (tTX) and to the duty cycle d = tPKT / (tPKT + tIDLE), assuming a packet-
fragmented transmission as illustrated by Figure 38.
Figure 38.
Packet-fragmented transmission
When soldered to a proper dissipating area on the PCB, as explained above, the ST7570 IC
is characterized by a steady-state thermal resistance RthJA of about 50 °C/W. The thermal
impedance curve obtained as the power dissipation step response is given in Figure 39.
It can be seen that the transient of ZthJA takes some thousands of seconds, after which the
static value of 50 °C/W is reached. This means that during the transient phase (i.e. if the
transmission time tTX is some seconds or even less) the IC is able to dissipate a power that
is far higher than the one sustainable at steady-state.
For this reason, a complete thermal analysis requires that the characteristics of the
transmission are taken into account, i.e. duty cycle and duration, determining the value
reached by the thermal impedance and then the allowed power dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com