Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3213 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN3213
Description  ST7570 S-FSK power line networking system-on-chip
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3213 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN3213 Datasheet HTML 19Page - STMicroelectronics AN3213 Datasheet HTML 20Page - STMicroelectronics AN3213 Datasheet HTML 21Page - STMicroelectronics AN3213 Datasheet HTML 22Page - STMicroelectronics AN3213 Datasheet HTML 23Page - STMicroelectronics AN3213 Datasheet HTML 24Page - STMicroelectronics AN3213 Datasheet HTML 25Page - STMicroelectronics AN3213 Datasheet HTML 26Page - STMicroelectronics AN3213 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 64 page
background image
AN3213
ST7570 demonstration board description
Doc ID 17429 Rev 1
23/64
Table 3.
BOM list
Part
Value
Description
CN1
Connector 2x1
Molex KK 100, 3-pole, right angle, p=2.54 mm (central pin
removed)
CN2
Connector 3x1
Molex KK 100, 3-pole, right angle, p=2.54 mm
CN3
USB connector
USB type B
C1
22 nF
SMD 0805 X7R 50 V
C2
10 µF
SMD 1206 X5R 25 V
C3
10 nF
SMD 0805 X7R 50 V
C4
220 nF Y2
Epcos B32023-B3224K p=22.5 mm
C5
10 µF
SMD 3528 Tantalum 16 V
C6, C12
120 pF
SMD 0603 NP0 50 V
C7
10 nF
SMD 0603 X7R 50 V
C8, C14, C18, C21, C22,
C24, C26, C28, C29,
C31:C37
100 nF
SMD 0603 X7R 50 V
C9
1 nF
SMD 0603 X7R 50 V
C10
4.7 pF
SMD 0603 NP0 50 V
C11
100 pF
SMD 0603 NP0 50 V
C13
27 pF
SMD 0603 NP0 50 V
C15
47 µF
SMD 6032 Tantalum 16 V
C16, C17
NC
SMD 0603
C19
33 nF
SMD 0603 X7R 50 V
C20, C23, C30
10 µF
SMD 0805 X7R 10 V
C25
10 µF
SMD 0603 X5R 6.3 V
DL1
Green LED
SMD 0805
DL2
Yellow LED
SMD 0805
DL4
Blue LED
SMD 0805
DL3, DL5
Red LED
SMD 0805
D1
SM6T15CA
Bi-directional Transil diode, SMB
D2, D4
STPS1L30A
Schottky diode, SMA
D3
SM6T6V8CA
Bi-directional Transil diode, SMB
D5, D6
BZX79C4V7
Zener diode, SOD80
D7
BZX79C3V3
Zener diode, SOD80
FB1, FB5
BLM21PG331SN1
Ferrite bead, 0805
FB3, FB4
0
Ferrite bead not mounted, 0805
FB2
MI0805K400R-10
Ferrite bead, 0805



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com