Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3213 Datasheet(PDF) 29 Page - STMicroelectronics

Part # AN3213
Description  ST7570 S-FSK power line networking system-on-chip
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3213 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button AN3213 Datasheet HTML 25Page - STMicroelectronics AN3213 Datasheet HTML 26Page - STMicroelectronics AN3213 Datasheet HTML 27Page - STMicroelectronics AN3213 Datasheet HTML 28Page - STMicroelectronics AN3213 Datasheet HTML 29Page - STMicroelectronics AN3213 Datasheet HTML 30Page - STMicroelectronics AN3213 Datasheet HTML 31Page - STMicroelectronics AN3213 Datasheet HTML 32Page - STMicroelectronics AN3213 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 64 page
background image
AN3213
ST7570 demonstration board description
Doc ID 17429 Rev 1
29/64
It is quite evident that the quality factor and the filter selectivity depend not only on the R3
value, but also on RL. A higher RL leads to lower steepness of the resonance, while a higher
R3 gives higher selectivity.
The RL value impacts in a more evident way on insertion losses. To evaluate the relationship
between RL and the received signal loss, the following simplified expression of
at f=fC
can be used:
Equation 8
With actual values of the components, a loss of about 1 dB is obtained. The same
calculation gives unitary transfer if RL is set to zero.
When looking at the first way to express the module of the transfer function, it can be seen
that a higher Q can help to keep the losses to a minimum. On the other hand, it would bring
the response to a higher sensitivity to component tolerance.
Figure 19 shows the measured frequency response of the Rx passive filter. The filter shows
a -3 dB bandwidth equal to 50 kHz and an attenuation of less than 1 dB at fC.
Figure 19.
Measured frequency response of the reception passive filter (typical)
Figure 20 shows the simulation of the response of the Rx passive filter with the components
tolerance effect. The shift on the center frequency gives a worst-case loss of nearly 0.5 dB
around 68 kHz.
Rs
()



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com