Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3213 Datasheet(PDF) 34 Page - STMicroelectronics

Part # AN3213
Description  ST7570 S-FSK power line networking system-on-chip
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3213 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button AN3213 Datasheet HTML 30Page - STMicroelectronics AN3213 Datasheet HTML 31Page - STMicroelectronics AN3213 Datasheet HTML 32Page - STMicroelectronics AN3213 Datasheet HTML 33Page - STMicroelectronics AN3213 Datasheet HTML 34Page - STMicroelectronics AN3213 Datasheet HTML 35Page - STMicroelectronics AN3213 Datasheet HTML 36Page - STMicroelectronics AN3213 Datasheet HTML 37Page - STMicroelectronics AN3213 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 64 page
background image
ST7570 demonstration board description
AN3213
34/64
Doc ID 17429 Rev 1
The reasons for these characteristics can be described as follows:
●
The LV distribution network has a “tree” structure, with many branches and sub-
branches acting as parallel impedances
●
Several electronic devices connected to the LV network offer a very low impedance,
mostly because of the EMI input filters installed at their mains connection
●
The type and number of electronic loads connected to the mains network varies over
time
For all these reasons, particular attention must be paid to the impedance of the ST7570 line
coupling circuit. Specifically:
●
In receiving (idle) mode, the coupling impedance must be high enough to make the
power line source impedance negligible and to minimize the mutual interference
between different PLC nodes connected to the same network
●
In transmitting mode, the coupling impedance must be very low inside the signal
bandwidth but high enough for out-of-band frequencies.
According to these requirements, the EN50065-7 standard document fixes the following
constraints for the PLC node operating in the A band:
●
Tx mode:
–
free in the range 3 to 95 kHz
–3
Ω from 95 to 148.5 kHz
●
Rx mode:
–
10
Ω from 3 to 9 kHz
–
50
Ω between 9 and 95 kHz only inside the signal bandwidth (free for frequencies
outside the signal bandwidth)
–5
Ω from 95 to 148.5 kHz
Figure 26 and 27 show the input impedance magnitude vs. frequency measured in
transmission and reception mode.
The impedance magnitude values prove that the ST7570 demonstration board is compliant
with the EN50065-7 requirements. At the same time, the line interface gives an efficient
signal coupling both in transmission and reception.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com