Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3213 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN3213
Description  ST7570 S-FSK power line networking system-on-chip
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3213 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN3213 Datasheet HTML 5Page - STMicroelectronics AN3213 Datasheet HTML 6Page - STMicroelectronics AN3213 Datasheet HTML 7Page - STMicroelectronics AN3213 Datasheet HTML 8Page - STMicroelectronics AN3213 Datasheet HTML 9Page - STMicroelectronics AN3213 Datasheet HTML 10Page - STMicroelectronics AN3213 Datasheet HTML 11Page - STMicroelectronics AN3213 Datasheet HTML 12Page - STMicroelectronics AN3213 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 64 page
background image
AN3213
Electrical characteristics
Doc ID 17429 Rev 1
9/64
VCC power supply
current absorption – TX
mode
20 mA
500 mA
VCC = 8 to 18 V,
I(PA_OUT) = 0 to 1 A
rms
VDDIO digital supply
voltage
-10 %
3.3 V
+10 %
VDDIO digital supply
current absorption
40 mA
DL2 on (5 mA typ.),
no external
microcontroller
connection through J1
Maximum required
power (typical
application)
7 W
VCC = 13 V
1.
Measured over a continuous transmission period of 3000 seconds (steady-state thermal dissipation).
2.
Note that STMicroelectronics does not guarantee transformer isolation. STMicroelectronics assumes no responsibility for
the consequences that may arise from that risk.
Table 1.
Electrical and thermal characteristics of the ST7570 demonstration board (continued)
Parameter
Value
Notes
Table 2.
TX_OUT level vs. TX_GAIN - typical values
TX_GAIN
TX_OUT
[dBµV rms]
[V rms]
31
123
1.420
30
122
1.265
29
121
1.128
28
120
1.005
27
119
0.896
26
118
0.798
25
117
0.712
24
116
0.634
23
115
0.565
22
114
0.504
21
113
0.449
20
112
0.400
19
111
0.357
18
110
0.318
17
109
0.283
16
108
0.252
15
107
0.225
14
106
0.201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com