Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3213 Datasheet(PDF) 28 Page - STMicroelectronics

Part # AN3213
Description  ST7570 S-FSK power line networking system-on-chip
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3213 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button AN3213 Datasheet HTML 24Page - STMicroelectronics AN3213 Datasheet HTML 25Page - STMicroelectronics AN3213 Datasheet HTML 26Page - STMicroelectronics AN3213 Datasheet HTML 27Page - STMicroelectronics AN3213 Datasheet HTML 28Page - STMicroelectronics AN3213 Datasheet HTML 29Page - STMicroelectronics AN3213 Datasheet HTML 30Page - STMicroelectronics AN3213 Datasheet HTML 31Page - STMicroelectronics AN3213 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 64 page
background image
ST7570 demonstration board description
AN3213
28/64
Doc ID 17429 Rev 1
Simulation of the Tx active filter response against component tolerance, depicted in
Figure 18, shows +/-1 dB variation in gain module within the signal bandwidth, while the Q
variation is more sensitive around 100 kHz.
Figure 18.
Montecarlo simulation of the transmission active filter frequency
response
7.1.2
Reception passive filter
The reception filter is made up of the series of a resistor and a parallel L-C resonant. The
transfer function of the filter can be written as:
Equation 5
Where
●
RL is the DC series resistance of the inductor (in this case, about 2 Ω)
●
C‘1 is the parallel of C1 with the reverse capacitance of the transil diode D3, which is
about 2 nF.
The center frequency and the quality factor of the filter can be expressed as:
Equation 6
Equation 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com