Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3213 Datasheet(PDF) 38 Page - STMicroelectronics

Part # AN3213
Description  ST7570 S-FSK power line networking system-on-chip
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3213 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button AN3213 Datasheet HTML 34Page - STMicroelectronics AN3213 Datasheet HTML 35Page - STMicroelectronics AN3213 Datasheet HTML 36Page - STMicroelectronics AN3213 Datasheet HTML 37Page - STMicroelectronics AN3213 Datasheet HTML 38Page - STMicroelectronics AN3213 Datasheet HTML 39Page - STMicroelectronics AN3213 Datasheet HTML 40Page - STMicroelectronics AN3213 Datasheet HTML 41Page - STMicroelectronics AN3213 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 64 page
background image
ST7570 demonstration board description
AN3213
38/64
Doc ID 17429 Rev 1
Figure 32.
Conducted emissions: transmission spectrum, quasi-peak measurement,
150 kHz - 30 MHz, neutral-to-earth, as per EN50065-1
7.2.2
Noise immunity
The tests on immunity against white noise (AWGN) and narrow-band interferers (NBI) are
based on two ST7570 demonstration boards, performing a unidirectional point-to-point
communication. The first board transmits a message with a known bit pattern, while the
receiving board passes the received message to the ST7570 GUI software, which
calculates the percentage of wrong bits (BER). The tests have been performed at 1200 and
2400 baud.
Figure 33 shows the test environment used to perform noise immunity tests.
The noise (AWGN or NBI) is produced by a waveform generator and injected into the
network through an AC coupling circuit; this circuit is mandatory to protect the waveform
generator output.
Figure 33.
Noise immunity test setup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com