Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3213 Datasheet(PDF) 31 Page - STMicroelectronics

Part # AN3213
Description  ST7570 S-FSK power line networking system-on-chip
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3213 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button AN3213 Datasheet HTML 27Page - STMicroelectronics AN3213 Datasheet HTML 28Page - STMicroelectronics AN3213 Datasheet HTML 29Page - STMicroelectronics AN3213 Datasheet HTML 30Page - STMicroelectronics AN3213 Datasheet HTML 31Page - STMicroelectronics AN3213 Datasheet HTML 32Page - STMicroelectronics AN3213 Datasheet HTML 33Page - STMicroelectronics AN3213 Datasheet HTML 34Page - STMicroelectronics AN3213 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 64 page
background image
AN3213
ST7570 demonstration board description
Doc ID 17429 Rev 1
31/64
In Figure 21 the measured response of the whole transmission coupling, loaded with the
LISN impedance as set by the EN50065-1 document, is given. The image highlights a
further filtering effect added by the passive L-C series resonant combined with the LISN
reactive load.
Figure 21.
Measured frequency response of the Tx active + passive filter loaded with
the EN50065-1 LISN impedance (typical)
Figure 22 represents the Montecarlo simulation of the cumulated response of transmission
active and passive filters, loaded with the LISN impedance, as set by the EN50065-1
document (References 3). Due to the response slope and the effect of power components,
the in-band variation is within +/-1.5 dB.
Table 5.
Line coupling transformer specifications
Parameter
Value
Turn ratio
1:1
Shunt inductance
≥ 1 mH
Leakage inductance
1.5 µH
DC total resistance
≤ 0.5 Ω
DC saturation current
≥ 15 mA
Inter-winding capacitance
< 30 pF
Withstanding voltage
≥ 4 kV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com