Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3213 Datasheet(PDF) 56 Page - STMicroelectronics

Part # AN3213
Description  ST7570 S-FSK power line networking system-on-chip
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3213 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button AN3213 Datasheet HTML 52Page - STMicroelectronics AN3213 Datasheet HTML 53Page - STMicroelectronics AN3213 Datasheet HTML 54Page - STMicroelectronics AN3213 Datasheet HTML 55Page - STMicroelectronics AN3213 Datasheet HTML 56Page - STMicroelectronics AN3213 Datasheet HTML 57Page - STMicroelectronics AN3213 Datasheet HTML 58Page - STMicroelectronics AN3213 Datasheet HTML 59Page - STMicroelectronics AN3213 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 64 page
background image
FAQs and troubleshooting
AN3213
56/64
Doc ID 17429 Rev 1
9.2
Troubleshooting
1.
Problem: the ST7570 demonstration board doesn't work at all.
●
What to check:
a)
Check that the AC mains supply cable is well connected
b)
Check if the DL1 (VCC) and DL2 (VDDIO) are on
c)
Check the voltage on VCC, VDDIO, VCCA, VDD, and VDD_PLL lines. All these
voltages must be present in order to turn on the ST7570.
2.
Problem: the ST7570 demonstration board is not responding.
●
What to check:
a)
Check if some activity on DL3 and DL4 is present when trying to communicate via
USB with the board
b)
Try disconnecting and reconnecting the USB cable; sometimes the USB driver
fails during COM port opening
c)
Verify if an 8 MHz clock is present on the XOUT pin (13) of the ST7570 device.
3.
Problem: the ST7570 demonstration board does not transmit.
●
What to check:
a)
Check the bias voltage on the PA_OUT test point (TP1) with the oscilloscope
probe referred to VSS power ground. A DC voltage of VCC/2 must be measured
during RX state
b)
Set the ST7570 in continuous transmission by setting TEST0 (higher frequency
tone), TEST1 (lower frequency tone) or TEST2 (alternating tones) modes via the
ST7570 GUI. A sinusoidal carrier should be detected by the oscilloscope probe,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com