Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3213 Datasheet(PDF) 32 Page - STMicroelectronics

Part # AN3213
Description  ST7570 S-FSK power line networking system-on-chip
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3213 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button AN3213 Datasheet HTML 28Page - STMicroelectronics AN3213 Datasheet HTML 29Page - STMicroelectronics AN3213 Datasheet HTML 30Page - STMicroelectronics AN3213 Datasheet HTML 31Page - STMicroelectronics AN3213 Datasheet HTML 32Page - STMicroelectronics AN3213 Datasheet HTML 33Page - STMicroelectronics AN3213 Datasheet HTML 34Page - STMicroelectronics AN3213 Datasheet HTML 35Page - STMicroelectronics AN3213 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 64 page
background image
ST7570 demonstration board description
AN3213
32/64
Doc ID 17429 Rev 1
Figure 22.
Montecarlo simulation of the transmission line coupling response loaded
with the EN50065-1 LISN impedance
7.1.4
Zero crossing coupling
The zero crossing coupling circuit is aimed at providing an analog signal to the ZC_IN_A pin
synchronous with the mains network voltage. This signal must be centered on VSS and
limited to ±5 V peak (References 1).
The zero crossing circuit is realized through a non-isolated resistive coupling to both neutral
and phase lines, as represented in Figure 23.
The two Zener diodes clamp the mains voltage at ±4.7 V, keeping the same slope as the
mains voltage around the zero crossing. The four 100 k
Ω series resistors limit the Zener
current to 1.5 mA rms. Having two resistors per line helps prevent short-circuits in the case
of resistor degradation.
Figure 23.
Non-isolated zero crossing coupling circuit
This circuit introduces a delay of nearly 30 µs between the mains zero crossing and the
ZC_IN_A input pin, as represented in Figure 24. Figure 25 shows an oscilloscope infinite
persistence snapshot showing an overall jitter lower than 10 µs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com