Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3213 Datasheet(PDF) 27 Page - STMicroelectronics

Part # AN3213
Description  ST7570 S-FSK power line networking system-on-chip
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3213 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button AN3213 Datasheet HTML 23Page - STMicroelectronics AN3213 Datasheet HTML 24Page - STMicroelectronics AN3213 Datasheet HTML 25Page - STMicroelectronics AN3213 Datasheet HTML 26Page - STMicroelectronics AN3213 Datasheet HTML 27Page - STMicroelectronics AN3213 Datasheet HTML 28Page - STMicroelectronics AN3213 Datasheet HTML 29Page - STMicroelectronics AN3213 Datasheet HTML 30Page - STMicroelectronics AN3213 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 64 page
background image
AN3213
ST7570 demonstration board description
Doc ID 17429 Rev 1
27/64
7.1.1
Transmission active filter
The transmission active filter is based on the ST7570 internal Power Amplifier (PA), with
input and output pins externally available to allow a filtering network tailored around the
amplifier. For the ST7570 demonstration board, a 3-pole low-pass filter has been realized by
cascading a simple R-C low-pass stage and a Sallen-Key 2-pole cell. The R12-C9 low-pass
stage is aimed at having a corner frequency of nearly 80 kHz, just above the higher S-FSK
tone, for a first filtering of the TX_OUT harmonics. The 1 nF value of C9 has been found to
be the optimal value to obtain a good filtering action without yielding unwanted capacitive
load distortion on the TX_OUT line. The transfer function of the 2nd order Sallen-Key cell is:
Equation 1
Where
Equation 2
Equation 3
Equation 4
Figure 17 represents measured transfer function of the transmission active filter. It shows
good rejection at signal harmonic frequencies.
Figure 17.
Measured frequency response of the transmission active filter (typical)
As
()
A
0
s
2
ω
C
2
-------
s
ω
C
Q
⋅
----------------
1
++
-----------------------------------------
=
A
0
1
R
8
R
19
---------
+
⎝⎠
⎛⎞
4.3
12.7dB
==
=
f
C
1
2
π
R
9
R
10
C
6
C
12
⋅⋅
⋅
⋅
---------------------------------------------------------------
125kHz
=
=
Q
R
9
R
10
C
6
C
12
⋅⋅
⋅
R
10C12
R
9C6
R
10C6 1A0
–
()
++
-------------------------------------------------------------------------------------
1.03
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com