Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3213 Datasheet(PDF) 30 Page - STMicroelectronics

Part # AN3213
Description  ST7570 S-FSK power line networking system-on-chip
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3213 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button AN3213 Datasheet HTML 26Page - STMicroelectronics AN3213 Datasheet HTML 27Page - STMicroelectronics AN3213 Datasheet HTML 28Page - STMicroelectronics AN3213 Datasheet HTML 29Page - STMicroelectronics AN3213 Datasheet HTML 30Page - STMicroelectronics AN3213 Datasheet HTML 31Page - STMicroelectronics AN3213 Datasheet HTML 32Page - STMicroelectronics AN3213 Datasheet HTML 33Page - STMicroelectronics AN3213 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 64 page
background image
ST7570 demonstration board description
AN3213
30/64
Doc ID 17429 Rev 1
Figure 20.
Montecarlo simulation of the reception passive filter response
7.1.3
Power line coupling
The coupling to the power line requires some passive components in addition to the active
filtering stage. In particular, it includes the DC decoupling capacitor C2, the line transformer
T1, the power inductor L2, and the Y2 safety capacitor C4.
L2 has been accurately chosen to have high saturation current (> 2 A) and very low
equivalent series resistance (< 0.1
Ω), to limit distortion and insertion losses even with
heavy line load.
Center frequency for the series resonance can be calculated at first approximation as:
Equation 9
provided that the capacitance of C2 is much greater than the C4 capacitance. L2 is the
series of L2 and the leakage inductance of the coupling transformer T1, adding about 1 µH
to L2. The Q factor of this coupling circuit is driven by the mains line impedance: the choice
of the L2 and C4 values leads to 3 dB maximum attenuation when line impedance modulus
goes down to 5
Ω.
Particular attention has been paid to choosing the line transformer. The required
characteristics are listed in Table 5.
In order to have a good signal transfer and minimize the insertion losses, it is recommended
to choose a transformer with a primary (shunt) inductance of 1 mH or greater, a leakage
inductance much smaller than L2, and a total DC resistance lower than 0.5
Ω.
The 4 kV insulation voltage requirement, the last specified parameter, is described and
codified by the EN50065-4-2 CENELEC document (References 4).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com