Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3213 Datasheet(PDF) 40 Page - STMicroelectronics

Part # AN3213
Description  ST7570 S-FSK power line networking system-on-chip
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3213 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button AN3213 Datasheet HTML 36Page - STMicroelectronics AN3213 Datasheet HTML 37Page - STMicroelectronics AN3213 Datasheet HTML 38Page - STMicroelectronics AN3213 Datasheet HTML 39Page - STMicroelectronics AN3213 Datasheet HTML 40Page - STMicroelectronics AN3213 Datasheet HTML 41Page - STMicroelectronics AN3213 Datasheet HTML 42Page - STMicroelectronics AN3213 Datasheet HTML 43Page - STMicroelectronics AN3213 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 64 page
background image
ST7570 demonstration board description
AN3213
40/64
Doc ID 17429 Rev 1
Figure 34 represents the BER vs. SNR curve in the presence of white noise for both 1200
bps and 2400 bps at 50 Hz in these conditions.
Figure 34.
Measured BER vs. SNR curve (typical), white noise
7.2.4
NBI tests
In order to test the demonstration board immunity to a narrow-band interferer (NBI), the
method described in the IEC61334-5-1 standard has been followed (References 5). It
requires a sine wave interferer at a 20 kHz < fN < 95 kHz frequency to be applied at the
receiving device. Setting an rms interferer level equal to SN and an rms signal level equal to
SS, the BER of the receiving device must be lower than 10-5 with SN/SS < 30 dB.
The waveform generator has been used to provide the sine wave signal, whereas a second
demonstration board was generating packet traffic compliant with IEC61334-5-1 at PHY
layer (standard preamble and SSD sequence followed by a random payload) (References
5).
Table 7 shows the parameters setting the test conditions. Both signal and noise levels have
been measured through a spectrum analyzer with differential probe. The resolution
bandwidth RBW was equal to 100 Hz.
The test returned a BER value lower than 10-5 for all the interferer frequencies, proving that
the demonstration board is compliant with IEC 61334-5-1 requirements on narrowband
interferer tests.
Table 7.
Narrow-band interferer immunity test settings
Parameter
Value
Received signal level
69.5 dBµV rms
Received NBI level
100.0 dBµV rms
Signal bandwidth
2400 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com