Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3213 Datasheet(PDF) 57 Page - STMicroelectronics

Part # AN3213
Description  ST7570 S-FSK power line networking system-on-chip
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3213 Datasheet(HTML) 57 Page - STMicroelectronics

Back Button AN3213 Datasheet HTML 53Page - STMicroelectronics AN3213 Datasheet HTML 54Page - STMicroelectronics AN3213 Datasheet HTML 55Page - STMicroelectronics AN3213 Datasheet HTML 56Page - STMicroelectronics AN3213 Datasheet HTML 57Page - STMicroelectronics AN3213 Datasheet HTML 58Page - STMicroelectronics AN3213 Datasheet HTML 59Page - STMicroelectronics AN3213 Datasheet HTML 60Page - STMicroelectronics AN3213 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 64 page
background image
AN3213
FAQs and troubleshooting
Doc ID 17429 Rev 1
57/64
with an amplitude equal to the TX_OUT programmed level multiplied by the PA
gain (nearly 4.5). In this case, there is no problem regarding the AFE and PA
c)
Check the ZC_IN_A (or ZC_IN_D, if it has been selected): a signal synchronous to
the mains voltage must be present for the ST7570 to be able to transmit in
operating mode
d)
Verify, via the ST7570 GUI, if the node is synchronized.
4.
Problem: the ST7570 demonstration board transmits only for a short while.
●
What to check:
a)
Verify the internal temperature of the ST7570, available inside the management
information base (MIB), and accessible via the ST7570 GUI
b)
Check if there is short-circuit (i.e. capacitive) impedance on the mains at the
carrier frequency. It may lead to device overheating and PA thermal shutdown.
5.
Problem: the ST7570 demonstration board does not receive.
●
What to check:
a)
Check if the transmitted signal reaches the ST7570 device by measuring the
RX_IN line voltage (TP5) with the oscilloscope probe referred to VSSA signal
ground
b)
Check that the GUI is setting the transmitter and the receiver to use the same tone
frequencies
c)
Check the ZC_IN_A (or ZC_IN_D, if it has been selected): a signal synchronous to
the mains voltage must be present for the ST7570 to be able to receive in
operating mode
6.
Problem: During a communication test, the ST750 GUI shows a high bit error rate
(BER).
Note:
(This point refers to a half-duplex communication involving two ST7570 demonstration
boards communicating with each other).
●
What to check:
a)
Check that both demonstration boards have the same ST7570 GUI settings
b)
Verify the SNR of the communication. If the signal is too low or the noise is too
high with respect to each other, the communication performance is poor. Try to:
1.
Check the S and N estimation of the receiving ST7570 device
2.
Measure the signal level S and the noise level N on the RX_IN line (TP5) of the
receiving board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com