Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3213 Datasheet(PDF) 45 Page - STMicroelectronics

Part # AN3213
Description  ST7570 S-FSK power line networking system-on-chip
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3213 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button AN3213 Datasheet HTML 41Page - STMicroelectronics AN3213 Datasheet HTML 42Page - STMicroelectronics AN3213 Datasheet HTML 43Page - STMicroelectronics AN3213 Datasheet HTML 44Page - STMicroelectronics AN3213 Datasheet HTML 45Page - STMicroelectronics AN3213 Datasheet HTML 46Page - STMicroelectronics AN3213 Datasheet HTML 47Page - STMicroelectronics AN3213 Datasheet HTML 48Page - STMicroelectronics AN3213 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 64 page
background image
AN3213
ST7570 demonstration board description
Doc ID 17429 Rev 1
45/64
The transmission output level VOUT rms of 2.5 V and the current limit IOUT rms(LIMIT) of 1 A,
fixed for the ST7570 demonstration board, correspond to a maximum output power POUT of
2.5 W over a 2.5
Ω load. In these conditions, the required dissipation results as follows:
Equation 14
Referring to the relationship between dissipated power and temperature, it can be proved
that in a continuous transmission, i.e. with ZthJA at its steady-state value of 50 °C/W, with an
ambient temperature of 25 °C, the maximum dissipation can be 2 W. However, controlling
the transmission duty cycle and total duration it becomes possible to get higher dissipation.
A real IEC61334-5-1 standard protocol condition can be used as an example (References
5):
●
Maximum length MAC frame with alarms: at 2400 bps and 50 Hz mains frequency, the
packet time tPKT is 150 ms, the duty cycle d is 100 % and the transmission duration tTX
is 1 second, corresponding to seven MAC sub-frames. According to Figure 39, in these
conditions, ZthJA would reach a maximum value of 16 °C/W only. This allows the power
dissipation PD to reach 2.5 W over all the ambient temperature range of the ST7570,
while PD(LIMIT) may be reached with an ambient temperature up to 66 °C.
7.5
Oscillator section
The ST7570 crystal oscillator circuitry requires a crystal having a maximum load
capacitance of 20 pF and a maximum ESR of 100
Ω.
Moreover, the following requirements impacting on the quartz crystal choice are typically set
by ST7570 metering applications:
●
Communication frequencies: f0 = 74 kHz, f1 = 63.3 kHz with ±0.5 % tolerance
●
Delay between mains zero-crossing and the beginning of the communication window:
120 µs, with tolerance equal to ± 20 µs.
Figure 41 shows the carrier frequency deviation vs. the quartz crystal tolerance, simulated
through a waveform generator applying a square wave with frequency values around 8 MHz:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com