Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3213 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN3213
Description  ST7570 S-FSK power line networking system-on-chip
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3213 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN3213 Datasheet HTML 8Page - STMicroelectronics AN3213 Datasheet HTML 9Page - STMicroelectronics AN3213 Datasheet HTML 10Page - STMicroelectronics AN3213 Datasheet HTML 11Page - STMicroelectronics AN3213 Datasheet HTML 12Page - STMicroelectronics AN3213 Datasheet HTML 13Page - STMicroelectronics AN3213 Datasheet HTML 14Page - STMicroelectronics AN3213 Datasheet HTML 15Page - STMicroelectronics AN3213 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 64 page
background image
ST7570 S-FSK power line networking system-on-chip description
AN3213
12/64
Doc ID 17429 Rev 1
4
ST7570 S-FSK power line networking system-on-chip
description
The ST7570 is a powerful power line networking system-on-chip, combining a high-
performing PHY processor core and a protocol controller core with a fully integrated analog
front end (AFE) and line driver, for a scalable future-proof, cost effective single chip narrow-
band power line communication solution based on IEC61334-5-1 S-FSK technology
(References 5).
The ST7570 comes with a dedicated FW implementing full PHY and MAC protocol layers
and services compliant with the open standard IEC 61334-5-1, mainly developed for smart
metering applications in EN50065-1 A band, but also usable for other command and control
applications and remote load management in B band (References 4).
The on-chip analog front end, featuring analog-to-digital and digital-to-analog conversion
and automatic gain control, plus the integrated power amplifier delivering up to 1 A rms
output current, makes the ST7570 the first complete system-on-chip for power line
communication.
The line coupling network design is also simplified, leading to a very low cost BOM. Safe
performance operations are guaranteed while keeping power consumption and distortion
levels very low, therefore making ST7570 an ideal platform for the most stringent application
requirements and regulatory standard compliance.
For further details, please refer to References 1 and 2.
Figure 3.
ST7570 block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com