Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3213 Datasheet(PDF) 50 Page - STMicroelectronics

Part # AN3213
Description  ST7570 S-FSK power line networking system-on-chip
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3213 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button AN3213 Datasheet HTML 46Page - STMicroelectronics AN3213 Datasheet HTML 47Page - STMicroelectronics AN3213 Datasheet HTML 48Page - STMicroelectronics AN3213 Datasheet HTML 49Page - STMicroelectronics AN3213 Datasheet HTML 50Page - STMicroelectronics AN3213 Datasheet HTML 51Page - STMicroelectronics AN3213 Datasheet HTML 52Page - STMicroelectronics AN3213 Datasheet HTML 53Page - STMicroelectronics AN3213 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 64 page
background image
Application ideas
AN3213
50/64
Doc ID 17429 Rev 1
8
Application ideas
8.1
Three-phase architecture
The ST7570 modem can be used to communicate on a three-phase network. This is
especially required for low-voltage substation nodes (concentrators), collecting data from
several energy meters all along the three phases of the distribution network.
In the example scheme of Figure 47, the line coupling circuit allows the signal to divide into
the three phases via capacitive coupling. This structure has been designed to keep a similar
impedance on each phase, therefore optimizing the signal distribution between the phases.
A critical point regarding this solution may be the total impedance the ST7570 power
amplifier is required to drive, which is the result of the three phases in parallel. For
concentrator nodes, however, the impedance per phase is likely to be considerably above
the driving limit of the power amplifier, as all the electrical devices supplied by the power line
are placed at a certain distance from the substation.
In the switched coupling scheme of Figure 48, a more complex circuit is shown, being the
coupling to each phase selectable via opto-switches.
Only one phase at a time can be used to transmit. An incoming signal, however, can be
received either from one phase at a time (J1 closed, J2 open) or from any phase at the
same time (J1 open, J2 closed). Both solutions can work well: the first solution has the
advantage of reducing crosstalk between the three phases, while the second allows
listening to the whole network at the same time. The choice depends on electrical and
performance tests as well as on specific protocol requirements.
For the zero crossing coupling, only one phase shall be used as reference, therefore
keeping the same coupling circuit as in the ST7570 single-phase demonstration board.
Figure 47.
Scheme of principle for non-switched three-phase architecture



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com