Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3213 Datasheet(PDF) 51 Page - STMicroelectronics

Part # AN3213
Description  ST7570 S-FSK power line networking system-on-chip
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3213 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button AN3213 Datasheet HTML 47Page - STMicroelectronics AN3213 Datasheet HTML 48Page - STMicroelectronics AN3213 Datasheet HTML 49Page - STMicroelectronics AN3213 Datasheet HTML 50Page - STMicroelectronics AN3213 Datasheet HTML 51Page - STMicroelectronics AN3213 Datasheet HTML 52Page - STMicroelectronics AN3213 Datasheet HTML 53Page - STMicroelectronics AN3213 Datasheet HTML 54Page - STMicroelectronics AN3213 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 64 page
background image
AN3213
Application ideas
Doc ID 17429 Rev 1
51/64
Figure 48.
Scheme of principle for switched three-phase architecture
8.2
Received signal strength indication (RSSI)
In many application fields, measuring the strength of the incoming signal is useful to:
●
Evaluate the SNR (signal-to-noise ratio) at the node
●
Choose the best routing through the network (if repeaters are allowed).
As explained in References 1 and 2, the ST7570 embeds estimators for signal-to-noise ratio
(SNR0, SNR1) values. These estimators are calculated during valid packet reception on
each S-FSK spectrum frequency f0 and f1. The values are notified to the external host
during each data indication message (References 2). In order to evaluate the robustness of
ST7570 embedded estimators, the setup represented in Figure 33 has been adopted and all
the estimator values extracted from received packets have been compared to the values
measured by the spectrum analyzer.
Figure 49, 50, 51 and 52 show the error bars with standard deviation for SNR0 and SNR1
values, compared to the measured values for 1200 and 2400 baud.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com