Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3329 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN3329
Description  This application note describes the characteristics and features
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3329 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN3329 Datasheet HTML 3Page - STMicroelectronics AN3329 Datasheet HTML 4Page - STMicroelectronics AN3329 Datasheet HTML 5Page - STMicroelectronics AN3329 Datasheet HTML 6Page - STMicroelectronics AN3329 Datasheet HTML 7Page - STMicroelectronics AN3329 Datasheet HTML 8Page - STMicroelectronics AN3329 Datasheet HTML 9Page - STMicroelectronics AN3329 Datasheet HTML 10Page - STMicroelectronics AN3329 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
AN3329
Main characteristics and circuit description
Doc ID 18376 Rev 1
7/47
Resonant power stage
The downstream converter features the ST L6599A, which embeds all the functions needed
to drive properly the resonant converter with 50 % fixed duty cycle and variable frequency.
The converter makes use of a transformer designed with the integrated magnetic approach,
using the primary leakage as the resonant series inductance and the magnetizing
inductance as the resonant shunt inductance. The transformer secondary-side is center-
tapped and power Schottky diodes are used as output rectifiers. Additional LC filter stages
have been added on each output to minimize high-frequency ripple.
Output voltage feedback loop
The regulation feedback loop is implemented through a typical circuit using a TL431, which
modulates the current through the optocoupler diode. In order to improve the cross
regulation, the two resonant stage output voltages are regulated by a weighted feedback
control, that is using a single rail to regulate multiple outputs. The feedback loop is closed to
the primary side by R37, which connects the RFMIN (#4) pin of the resonant controller
L6599A to the optocoupler phototransistor and sets the maximum switching frequency at
around 130 kHz. This value has been chosen to limit the switching losses at light load
operation. On the same pin, R36 connected to ground, sets the minimum switching
frequency. The RC series R22 and C21 sets both soft-start maximum frequency as well as
duration.
L6599A overload and short-circuit protection
Half bridge primary-side current is sensed by the lossless circuit consisting of R53, C36,
D14, D12, R55, and C38 and is fed into the ISEN pin (#6). During an overcurrent event, the
pin voltage rises to the internal comparator threshold (0.8 V), triggering the following
protection sequence: the soft-start capacitor (C10) connected to the DELAY pin (#2) is
charged by an internal 150 µA current generator and is slowly discharged by the resistor
R12. This pin is connected to the DIS (#8) pin and, if the voltage reaches 1.85 V, the IC
stops switching, being latched off. Once latched, an on/off signal recycle is needed to restart
the converter.
Overvoltage and open loop protection
Both PFC and resonant stages are provided with their own overvoltage protections. The
PFC controller L6564 monitors its output voltage through the resistor divider connected to
the PFC_OK pin (#6) protecting the circuit in case of loop failure, disconnection, or deviation
from the nominal value of the feedback loop divider. When a fault condition is detected, the
L6564 is shut down and latched off by an internal circuit monitoring the voltage on the
PFC_OK and INV pins, until the mains voltage is recycled. Upon the occurrence of an
overvoltage condition, of either the 24 V or 12 V output of the resonant stage, the Zener
diodes D16 and D17 conduct, respectively, forcing Q10 to be turned on by the resulting base
current, which causes Q9 to conduct. These two transistors form a pnp-npn SCR (silicon
controlled rectifier) structure that shorts to ground the anode of the U5 optocoupler in such a
way that the IC supply voltage Vcc cannot be delivered to controllers by Q7, forcing them to
be latched off until the mains voltage is recycled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com