Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3329 Datasheet(PDF) 42 Page - STMicroelectronics

Part # AN3329
Description  This application note describes the characteristics and features
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3329 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button AN3329 Datasheet HTML 38Page - STMicroelectronics AN3329 Datasheet HTML 39Page - STMicroelectronics AN3329 Datasheet HTML 40Page - STMicroelectronics AN3329 Datasheet HTML 41Page - STMicroelectronics AN3329 Datasheet HTML 42Page - STMicroelectronics AN3329 Datasheet HTML 43Page - STMicroelectronics AN3329 Datasheet HTML 44Page - STMicroelectronics AN3329 Datasheet HTML 45Page - STMicroelectronics AN3329 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 47 page
background image
Resonant power transformer specifications
AN3329
42/47
Doc ID 18376 Rev 1
Mechanical aspect and pin numbering
●
Maximum height from PCB: 30 mm
●
Coil former type: horizontal, 7+7 pins (pins #1 and 7 are removed)
●
Pin distance: 5.08 mm
●
Row distance: 25.4 mm
Figure 65.
Transformer electrical diagram
Manufacturer
●
MAGNETICA
●
Transformer P/N: 1860.0014 Rev. 0.1
8 - 11
SEC - A
4.4 m
Ω
2
90x
φ 0.1 mm – G1
9 - 10
SEC - B
4.4 m
Ω
2
90x
φ 0.1 mm – G1
10 - 13
SEC - C
4.4 m
Ω
2
90x
φ 0.1 mm – G1
12 - 14
SEC - D
4.4 m
Ω
2
90x
φ 0.1 mm – G1
Table 4.
Resonant transformer winding data (continued)
Pins
Winding
DC resistance
Number of turns
Wire type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com