Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3329 Datasheet(PDF) 44 Page - STMicroelectronics

Part # AN3329
Description  This application note describes the characteristics and features
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3329 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button AN3329 Datasheet HTML 39Page - STMicroelectronics AN3329 Datasheet HTML 40Page - STMicroelectronics AN3329 Datasheet HTML 41Page - STMicroelectronics AN3329 Datasheet HTML 42Page - STMicroelectronics AN3329 Datasheet HTML 43Page - STMicroelectronics AN3329 Datasheet HTML 44Page - STMicroelectronics AN3329 Datasheet HTML 45Page - STMicroelectronics AN3329 Datasheet HTML 46Page - STMicroelectronics AN3329 Datasheet HTML 47Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 44 / 47 page
background image
Auxiliary flyback transformer specifications
AN3329
44/47
Doc ID 18376 Rev 1
Figure 66.
Transformer construction
Winding characteristics
Figure 67.
Mechanical aspect and pin numbering
Table 6.
Standby transformer winding data
Pins
Winding
O/P rms
current
Number of
turns
Number of
layers
Wire type
4 - 5
Primary
0.17 ARMS
93
2
G2 -
φ 0.224 mm
2 - 1
Aux
0.05 ARMS
18 spaced
1
G2 -
φ 0.224 mm
6 - 8
7 - 9
5 V
2.6 ARMS
(TOTAL)
61
TIW - 2 x
φ 0.7 mm in parallel
AM08380v1
AUXILIARY
PRIMARY
SECONDARY
COIL FORMER
2 LAYERS POLYESTER TAPE
FERRITE CORE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com