Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3329 Datasheet(PDF) 28 Page - STMicroelectronics

Part # AN3329
Description  This application note describes the characteristics and features
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3329 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button AN3329 Datasheet HTML 24Page - STMicroelectronics AN3329 Datasheet HTML 25Page - STMicroelectronics AN3329 Datasheet HTML 26Page - STMicroelectronics AN3329 Datasheet HTML 27Page - STMicroelectronics AN3329 Datasheet HTML 28Page - STMicroelectronics AN3329 Datasheet HTML 29Page - STMicroelectronics AN3329 Datasheet HTML 30Page - STMicroelectronics AN3329 Datasheet HTML 31Page - STMicroelectronics AN3329 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 47 page
background image
Functional check
AN3329
28/47
Doc ID 18376 Rev 1
Mains sags/dips
Figure 56 and 57 show the converter behavior in the case of half-cycle (8.3 ms) or a
complete cycle (16.6 ms) mains dip. As can be noted, in both cases the PFC output voltage
drops but the L6599A still works correctly, and output voltages do not show any disturbance,
therefore demonstrating a good immunity of the circuit against mains dips.
Figure 56.
Half cycle mains dip at full load and
115 Vac - 60 Hz
Figure 57.
Full cycle mains dip at full load and
115 Vac - 60 Hz
CH3: 24 V output
CH1: HB voltage
CH2: PFC drain
CH4: PFC gate
CH3: 24 V output
CH1: HB voltage
CH2: PFC drain
CH4: PFC gate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com