Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3329 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN3329
Description  This application note describes the characteristics and features
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3329 Datasheet(HTML) 4 Page - STMicroelectronics

  AN3329 Datasheet HTML 1Page - STMicroelectronics AN3329 Datasheet HTML 2Page - STMicroelectronics AN3329 Datasheet HTML 3Page - STMicroelectronics AN3329 Datasheet HTML 4Page - STMicroelectronics AN3329 Datasheet HTML 5Page - STMicroelectronics AN3329 Datasheet HTML 6Page - STMicroelectronics AN3329 Datasheet HTML 7Page - STMicroelectronics AN3329 Datasheet HTML 8Page - STMicroelectronics AN3329 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 47 page
background image
List of figures
AN3329
4/47
Doc ID 18376 Rev 1
List of figures
Figure 1.
EVL170W-FTV: 170 W demonstration board . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
Figure 2.
Electrical diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Figure 3.
Overall efficiency vs. output power . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 4.
Average efficiency acc. ES-2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 5.
Standby supply efficiency vs. output power . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 6.
Standby supply efficiency vs. light load output power . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 7.
EN61000-3-2 compliance at 230 Vac - 50 Hz, full load . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Figure 8.
JEITA-MITI compliance at 100 Vac - 50 Hz, full load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Figure 9.
EN61000-3-2 compliance at 230 Vac - 50 Hz, 75 W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Figure 10.
JEITA-MITI compliance at 100 Vac - 50 Hz, 75 W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Figure 11.
Input voltage and current at 100 Vac, full load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 12.
Input voltage and current at 230 Vac, full load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 13.
Standby supply waveforms at 115 Vac - 60 Hz, full load . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Figure 14.
Standby supply waveforms at 230 Vac - 50 Hz, full load . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Figure 15.
Standby supply waveforms at 400 Vdc, full load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 16.
Standby supply output rectifiers PIV at 400 Vdc, full load . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 17.
Standby supply 5 V ripple at 115 Vac - 60 Hz, full load . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 18.
Standby supply startup at 115 Vac - 60 Hz, full load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 19.
Standby supply burst mode operation at 230 Vac - 50 Hz - 10 mA load . . . . . . . . . . . . . . 15
Figure 20.
Standby supply burst mode operation at 230 Vac - 50 Hz - 10 mA load-detail . . . . . . . . . 15
Figure 21.
Standby supply OVP at 115 Vac - 60 Hz, full load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 22.
Standby supply OVP at 230 Vac - 50 Hz - 0.5 A . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 23.
Standby supply OVP at 115 Vac - 60 Hz - PFC on - 1 A . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 24.
Standby supply OVP at 115 Vac - 60 Hz - PFC on - 1 A . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 25.
Standby supply output short-circuit at 230 Vac - 50 Hz, full load . . . . . . . . . . . . . . . . . . . . 16
Figure 26.
Standby supply output short-circuit at 230 Vac - 50 Hz, full load - detail . . . . . . . . . . . . . . 16
Figure 27.
Standby supply dynamic load at 115 Vac - 60 Hz - PFC off . . . . . . . . . . . . . . . . . . . . . . . . 17
Figure 28.
Standby supply dynamic load at 115 Vac - 60 Hz - PFC on . . . . . . . . . . . . . . . . . . . . . . . . 17
Figure 29.
PFC Vds and inductor current at 115 Vac - 60 Hz, full load . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 30.
PFC Vds and inductor current at 115 Vac - 60 Hz, full load - detail . . . . . . . . . . . . . . . . . . 18
Figure 31.
PFC Vds and inductor current at 230 Vac - 50 Hz, full load . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 32.
PFC Vds and inductor current at 230 Vac - 50 Hz, full load - detail . . . . . . . . . . . . . . . . . . 19
Figure 33.
L6564 signals-1 at 115 Vac - 60 Hz, full load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 34.
L6564 signals-2 at 115 Vac - 60 Hz, full load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 35.
PFC signals-1 at 115 Vac - 60 Hz, full load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 36.
PFC signals-2 at 115 Vac - 60 Hz, full load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 37.
Resonant stage waveforms at 115 V - 60 Hz, full load . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 38.
Resonant stage waveforms at 115 V - 60 Hz, full load . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 39.
Output rectifiers PIV waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 40.
No load operation at 115 Vac - 60 Hz. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 41.
No load operation at 115 Vac - 60 Hz - L6599A signals . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 42.
12 V - 2 A; 24 V 0 ÷ 6 A transition at 115 Vac - 60 Hz . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
Figure 43.
24 V - 6 A; 12 V 0 ÷ 2 A transition at 115 Vac - 60 Hz . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
Figure 44.
12 V - 2 A; 24 V 0 ÷ 6 A - 300 Hz transition at 115 Vac - 60 Hz . . . . . . . . . . . . . . . . . . . . . 24
Figure 45.
24 V - 6 A; 12 V 1 ÷ 2 A - 300 Hz transition at 115 Vac - 60 Hz . . . . . . . . . . . . . . . . . . . . . 24
Figure 46.
12 V short-circuit at full load and 115 Vac - 60 Hz . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
Figure 47.
12 V short-circuit at full load and 115 Vac - 60 Hz - detail . . . . . . . . . . . . . . . . . . . . . . . . . 25
Figure 48.
24 V short-circuit at full load and 115 Vac - 60 Hz . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
Figure 49.
24 V short-circuit at full load and 115 Vac - 60 Hz - detail . . . . . . . . . . . . . . . . . . . . . . . . . 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com