Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3329 Datasheet(PDF) 37 Page - STMicroelectronics

Part # AN3329
Description  This application note describes the characteristics and features
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3329 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button AN3329 Datasheet HTML 33Page - STMicroelectronics AN3329 Datasheet HTML 34Page - STMicroelectronics AN3329 Datasheet HTML 35Page - STMicroelectronics AN3329 Datasheet HTML 36Page - STMicroelectronics AN3329 Datasheet HTML 37Page - STMicroelectronics AN3329 Datasheet HTML 38Page - STMicroelectronics AN3329 Datasheet HTML 39Page - STMicroelectronics AN3329 Datasheet HTML 40Page - STMicroelectronics AN3329 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 47 page
background image
AN3329
Bill of materials
Doc ID 18376 Rev 1
37/47
R7
2.2 M
Ω
1206
SMD standard film res - 1/4 W - 1 % - 100 ppm/°C
VISHAY
R70
10 k
Ω
0805
SMD standard film res - 1/8 W - 5 % - 250 ppm/°C
VISHAY
R71
4.7 k
Ω
0805
SMD standard film res - 1/8 W - 5 % - 250 ppm/°C
VISHAY
R72
1 k
Ω
0805
SMD standard film res - 1/8 W - 5 % - 250 ppm/°C
VISHAY
R73
1 k
Ω
0805
SMD standard film res - 1/8 W - 5 % - 250 ppm/°C
VISHAY
R74
2.7 k
Ω
0805
SMD standard film res - 1/8 W - 5 % - 250 ppm/°C
VISHAY
R75
1
Ω
PTH
NFR25H - axial fusible res - 1/2 W - 5 % - 100
ppm/°C
VISHAY
R78
3.9
Ω
1206
SMD standard film res - 1/4 W - 5 % - 250 ppm/°C
VISHAY
R79
390 k
Ω
AXIAL
Dia.1.6x3.6
mm
Axial STD film res - 1/8 W - 5 % - 100 ppm/°C
VISHAY
R8
2.2 M
Ω
1206
SMD standard film res - 1/4 W - 1 % - 100 ppm/°C
VISHAY
R80
82 k
Ω
0805
SMD standard film res - 1/8 W - 1 % - 100 ppm/°C
VISHAY
R81
27 k
Ω
0805
SMD standard film res - 1/8 W - 5 % - 250 ppm/°C
VISHAY
R82
1 k
Ω
0805
SMD standard film res - 1/8 W - 5 % - 250 ppm/°C
VISHAY
R83
27 k
Ω
0805
SMD standard film res - 1/8 W - 5 % - 250 ppm/°C
VISHAY
R84
12 k
Ω
0805
SMD standard film res - 1/8 W - 5 % - 250 ppm/°C
VISHAY
R86
120 k
Ω
0805
SMD standard film res - 1/8 W - 1 % - 100 ppm/°C
VISHAY
R87
270 k
Ω
0805
SMD standard film res - 1/8 W - 5 % - 250 ppm/°C
VISHAY
R88
39 k
Ω
0805
SMD standard film res - 1/8 W - 1 % - 100 ppm/°C
VISHAY
R89
47 k
Ω
0805
SMD standard film res - 1/8 W - 1 % - 100 ppm/°C
VISHAY
R9
220 k
Ω
0805
SMD standard film res - 1/8 W - 1 % - 100 ppm/°C
VISHAY
R90
10
Ω
1206
SMD standard film res - 1/4 W - 5 % - 250 ppm/°C
VISHAY
R91
220 k
Ω
1206
SMD standard film res - 1/4 W - 5 % - 250 ppm/°C
VISHAY
R92
2.7 k
Ω
0805
SMD standard film res - 1/8 W - 5 % - 250 ppm/°C
VISHAY
R93
2.2
Ω
AXIAL
Dia.1.6x3.6
mm
Axial STD film res - 1/8 W - 5 % - 100 ppm/°C
VISHAY
R94
22 k
Ω
AXIAL
Dia.1.6x3.6
mm
Axial STD film res - 1/8 W - 5 % - 100 ppm/°C
VISHAY
R95
1 k
Ω
0805
SMD standard film res - 1/8 W - 5 % - 250 ppm/°C
VISHAY
R96
0.47
Ω
PTH
PR01 - metal film res - 1 W - 5 % - 250 ppm/°C
VISHAY
RV1
300 Vac
Dia. 15x5
p. 7.5 mm
300 V metal oxide varistor - B72214S0301K101
EPCOS
RX2
0
1206
SMD standard film res - 1/4 W - 5 % - 250 ppm/°C
VISHAY
Table 2.
Bill of materials (continued)
Des.
Part type /
part value
Case style
/ package
Description
Supplier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com