Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3329 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN3329
Description  This application note describes the characteristics and features
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3329 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN3329 Datasheet HTML 15Page - STMicroelectronics AN3329 Datasheet HTML 16Page - STMicroelectronics AN3329 Datasheet HTML 17Page - STMicroelectronics AN3329 Datasheet HTML 18Page - STMicroelectronics AN3329 Datasheet HTML 19Page - STMicroelectronics AN3329 Datasheet HTML 20Page - STMicroelectronics AN3329 Datasheet HTML 21Page - STMicroelectronics AN3329 Datasheet HTML 22Page - STMicroelectronics AN3329 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 47 page
background image
AN3329
Functional check
Doc ID 18376 Rev 1
19/47
L6564 signals are shown in Figure 33 and 34 for reference.
Figure 35 shows voltages on the VFF (#5), CS (#4), COMP (#2), and MULT (#3) pins along
a line half-period at 115 Vac and 230 Vac respectively. Voltage feed-forward compensates
for the gain and crossover frequency variation with the line voltage, since the power stage
gain of PFC pre-regulators varies with the square of the RMS input voltage. Therefore, a DC
voltage equal to the peak of the MULT (#3) pin is derived on the VFF (#5) pin and fed into a
square/divider circuit making the COMP signal almost line-independent and improving the
dynamic behavior. That is emphasized in Figure 36, which illustrates voltage on the MULT
(#3) pin at the peak of the line voltage matching that on the VFF pin.
Figure 31.
PFC Vds and inductor current at
230 Vac - 50 Hz, full load
Figure 32.
PFC Vds and inductor current at
230 Vac - 50 Hz, full load - detail
CH2: MULT (pin #3)
CH3: CS (pin #4)
CH4: L1 inductor current
CH1: Q1 drain voltage
CH3: CS (pin #4)
CH1: Q1 drain voltage
CH2: MULT (pin #3)
CH4: L1 inductor current
Figure 33.
L6564 signals-1 at 115 Vac - 60 Hz,
full load
Figure 34.
L6564 signals-2 at 115 Vac - 60 Hz,
full load
CH2: ZCD (pin #7)
CH3: MULT (pin #3)
CH4: CS (pin #4)
CH1: GD (pin #9)
CH3: MULT (pin #3)
CH1: GD (pin #9)
CH2: ZCD (pin #7)
CH4: CS (pin #4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com