Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3329 Datasheet(PDF) 33 Page - STMicroelectronics

Part # AN3329
Description  This application note describes the characteristics and features
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3329 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button AN3329 Datasheet HTML 29Page - STMicroelectronics AN3329 Datasheet HTML 30Page - STMicroelectronics AN3329 Datasheet HTML 31Page - STMicroelectronics AN3329 Datasheet HTML 32Page - STMicroelectronics AN3329 Datasheet HTML 33Page - STMicroelectronics AN3329 Datasheet HTML 34Page - STMicroelectronics AN3329 Datasheet HTML 35Page - STMicroelectronics AN3329 Datasheet HTML 36Page - STMicroelectronics AN3329 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 47 page
background image
AN3329
Bill of materials
Doc ID 18376 Rev 1
33/47
C62
10 µF - 50 V
Dia 6.3X11
(MM) p. 2.5
mm
Aluminium ELCAP - YXF series - 105°C
Rubycon
C63
10 nF
0805
50 V Cercap - general purpose - X7R - 10 %
KEMET
C64
1 nF
1206
100 V Cercap - general purpose - X7R - 10 %
KEMET
C65
220 pF
0805
50 V Cercap - general purpose - COG - 5 %
KEMET
C7
100 µF - 450 V
Dia. 18x35 mm
p.10
450 V - aluminium ELCAP - KXG series - 105 °C
Nippon Chemi-con
C8
2.2 nF
DWG
Y1 - Safety cap. DE1E3KX222M
MURATA
C9
2.2 nF
DWG
Y1 - Safety cap. DE1E3KX222M
MURATA
D1
1N5406
DO-201
Rectifier - general purpose
VISHAY
D10
1N4148WS
SOD323
High speed signal diode
VISHAY
D11
STPS20H100C
FP
TO-220FP
Power Schottky rectifier
STMicroelectronics
D12
1N4148WS
SOD323
High speed signal diode
VISHAY
D14
1N4148WS
SOD323
High speed signal diode
VISHAY
D15
BZV55-C15
MINIMELF
Zener diode
VISHAY
D16
MMSZ4711-V
SOD123
27 V Zener diode
VISHAY
D17
MMSZ4702-V
SOD123
15 V Zener diode
VISHAY
D18
STPS20L45CFP
TO-220FP
Power Schottky rectifier
STMicroelectronics
D19
P6KE250A
DO-15
Transil
STMicroelectronics
D2
STTH5L06
DO-201
Ultrafast high voltage rectifier
STMicroelectronics
D20
STTH108A
SMA
HV ultrafast rectifier
STMicroelectronics
D21
BAV103
MINIMELF
High speed signal diode
VISHAY
D22
STTH102A
SMA
High efficiency ultrafast diode
STMicroelectronics
D3
D10XB60H
DWG
Single-phase bridge rectifier
SHINDENGEN
D4
STPS20H100C
FP
TO-220FP
HV power Schottky rectifier
STMicroelectronics
D5
1N4148WS
SOD323
High speed signal diode
VISHAY
D6
1N4148WS
SOD323
High speed signal diode
VISHAY
D7
1N4148WS
SOD323
High speed signal diode
VISHAY
D8
1N4148WS
SOD323
High speed signal diode
VISHAY
D9
STPS20L45CFP
TO-220FP
Power Schottky rectifier
STMicroelectronics
F1
Fuse T4A
8.5x4
p.5.08 mm
Fuse 4 A - Time LAG - 3921400
Littelfuse
HS1
Heatsink
DWG
Heatsink for D3 and Q5
Table 2.
Bill of materials (continued)
Des.
Part type /
part value
Case style
/ package
Description
Supplier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com