Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3329 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN3329
Description  This application note describes the characteristics and features
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3329 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN3329 Datasheet HTML 17Page - STMicroelectronics AN3329 Datasheet HTML 18Page - STMicroelectronics AN3329 Datasheet HTML 19Page - STMicroelectronics AN3329 Datasheet HTML 20Page - STMicroelectronics AN3329 Datasheet HTML 21Page - STMicroelectronics AN3329 Datasheet HTML 22Page - STMicroelectronics AN3329 Datasheet HTML 23Page - STMicroelectronics AN3329 Datasheet HTML 24Page - STMicroelectronics AN3329 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
AN3329
Functional check
Doc ID 18376 Rev 1
21/47
Resonant stage
Some waveforms relevant to the resonant stage during steady-state operation are reported
in Figure 37, 38, 39, 40, and 41. The switching frequency at full load and nominal input
voltage is around 75 kHz, in order to achieve a good trade-off between transformer losses
and size. Figure 37 shows the resonant ZVS operation. The converter operates slightly
below resonance, therefore, the resonant current lags the voltage applied, as input
impedance of the resonant network is inductive. The current is negative during the rising
edge of half bridge voltage and positive during the falling-edge, providing, in both cases, the
energy to allow the node HB swinging. Because of the dead time, the MOSFETs are turned
on when resonant current is flowing through their body diodes and drain-source voltage is
almost zero. In Figure 38 voltages on the L6599A LINE (#7), RFmin (#4), CF (#3), and LVG
(#11) pins are observed. The switching frequency is programmed by the resistors connected
to the RFmin (#4) pin, which provides an accurate 2 V reference. The current flowing out
from the RFmin (#4) pin is internally mirrored and alternately charges and discharges the
capacitor connected to CF (#3). LINE (#7) pin voltage enables and disables the resonant
stage, preventing operation in capacitive mode.
In Figure 39 the reverse voltages across secondary rectifiers are represented. The system
operates slightly below resonance and therefore the output rectifiers are working in
discontinuous conduction mode, as energy transfer ends before each node HB voltage
swinging. Therefore, at primary side there are some short intervals where both diodes are
reverse-biased and the magnetizing inductance Lp, being no longer shunted by the output
capacitance reflected to the primary, becomes part of resonance. This corresponds to the
primary side current waveform to the portion circled in blue.
In the same image, it can be noted that the rectifiers PIV are operating within their voltage
rating and well below the BV, so ensuring long term reliability.
Figure 37.
Resonant stage waveforms at 115 V
- 60 Hz, full load
Figure 38.
Resonant stage waveforms at 115 V
- 60 Hz, full load
CH2: LVG
CH3: HVG
CH4: C39 current
CH1: HB voltage
CH3: RFmin (pin #4)
CH1: LVG (pin #11)
CH2: CF (pin #3)
CH4: LINE (pin #7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com