Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3329 Datasheet(PDF) 36 Page - STMicroelectronics

Part # AN3329
Description  This application note describes the characteristics and features
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3329 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button AN3329 Datasheet HTML 32Page - STMicroelectronics AN3329 Datasheet HTML 33Page - STMicroelectronics AN3329 Datasheet HTML 34Page - STMicroelectronics AN3329 Datasheet HTML 35Page - STMicroelectronics AN3329 Datasheet HTML 36Page - STMicroelectronics AN3329 Datasheet HTML 37Page - STMicroelectronics AN3329 Datasheet HTML 38Page - STMicroelectronics AN3329 Datasheet HTML 39Page - STMicroelectronics AN3329 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 47 page
background image
Bill of materials
AN3329
36/47
Doc ID 18376 Rev 1
R32
22
Ω
0805
SMD standard film res - 1/8 W - 5 % - 250 ppm/°C
VISHAY
R33
200 k
Ω
0805
SMD standard film res - 1/8 W - 1 % - 100 ppm/°C
VISHAY
R34
10
Ω
0805
SMD standard film res - 1/8 W - 5 % - 250 ppm/°C
VISHAY
R36
13 k
Ω
0805
SMD standard film res - 1/8 W - 1 % - 100 ppm/°C
VISHAY
R37
6.2 k
Ω
1206
SMD standard film res - 1/4 W - 5 % - 250 ppm/°C
VISHAY
R38
0
0805
SMD standard film res - 1/8 W - 1 % - 100 ppm/°C
VISHAY
R39
3.9 k
Ω
1206
SMD standard film res - 1/4 W - 5 % - 250 ppm/°C
VISHAY
R4
2.2 M
Ω
1206
SMD standard film res - 1/4 W - 1 % - 100 ppm/°C
VISHAY
R40
1 k
Ω
0805
SMD standard film res - 1/8 W - 5 % - 250 ppm/°C
VISHAY
R41
56
Ω
0805
SMD standard film res - 1/8 W - 5 % - 250 ppm/°C
VISHAY
R43
1 M
Ω
0805
SMD standard film res - 1/8 W - 1 % - 100 ppm/°C
VISHAY
R44
100 k
Ω
0805
SMD standard film res - 1/8 W - 5 % - 250 ppm/°C
VISHAY
R45
10 k
Ω
0805
SMD standard film res - 1/8 W - 1 % - 100 ppm/°C
VISHAY
R46
220
Ω
1206
SMD standard film res - 1/4 W - 5 % - 250 ppm/°C
VISHAY
R47
0
1206
SMD standard film res - 1/4 W - 1 % - 100 ppm/°C
VISHAY
R49
33 k
Ω
0805
SMD standard film res - 1/8 W - 1 % - 100 ppm/°C
VISHAY
R5
2.2 M
Ω
1206
SMD standard film res - 1/4 W - 1 % - 100 ppm/°C
VISHAY
R50
180 k
Ω
0805
SMD standard film res - 1/8 W - 1 % - 100 ppm/°C
VISHAY
R51
0.47
Ω
PTH
PR01 - metal film res - 1 W - 5 % - 250 ppm/°C
VISHAY
R52
0.47
Ω
PTH
PR01 - metal film res - 1 W - 5 % - 250 ppm/°C
VISHAY
R53
100
Ω
1206
SMD standard film res - 1/4 W - 1 % - 100 ppm/°C
VISHAY
R55
150
Ω
0805
SMD standard film res - 1/8 W - 5 % - 250 ppm/°C
VISHAY
R56
5.6 k
Ω
0805
SMD standard film res - 1/8 W - 5 % - 250 ppm/°C
VISHAY
R57
51
Ω
0805
SMD standard film res - 1/8 W - 5 % - 250 ppm/°C
VISHAY
R59
1 k
Ω
0805
SMD standard film res - 1/8 W - 5 % - 250 ppm/°C
VISHAY
R6
4.7 M
Ω
1206
SMD standard film res - 1/4 W - 1 % - 100 ppm/°C
VISHAY
R60
47 k
Ω
0805
SMD standard film res - 1/8 W - 5 % - 250 ppm/°C
VISHAY
R61
180 k
Ω
0805
SMD standard film res - 1/8 W - 1 % - 100 ppm/°C
VISHAY
R62
75 k
Ω
0805
SMD standard film res - 1/8 W - 1 % - 100 ppm/°C
VISHAY
R64
1 k
Ω
0805
SMD standard film res - 1/8 W - 5 % - 250 ppm/°C
VISHAY
R65
180 k
Ω
0805
SMD standard film res - 1/8W - 5% - 250 ppm/°C
VISHAY
R67
10 k
Ω
0805
SMD standard film res - 1/8 W - 1 % - 100 ppm/°C
VISHAY
R68
1 k
Ω
0805
SMD standard film res - 1/8 W - 5 % - 250 ppm/°C
VISHAY
R69
4.7 k
Ω
0805
SMD standard film res - 1/8 W - 5 % - 250 ppm/°C
VISHAY
Table 2.
Bill of materials (continued)
Des.
Part type /
part value
Case style
/ package
Description
Supplier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com