Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3329 Datasheet(PDF) 40 Page - STMicroelectronics

Part # AN3329
Description  This application note describes the characteristics and features
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3329 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button AN3329 Datasheet HTML 36Page - STMicroelectronics AN3329 Datasheet HTML 37Page - STMicroelectronics AN3329 Datasheet HTML 38Page - STMicroelectronics AN3329 Datasheet HTML 39Page - STMicroelectronics AN3329 Datasheet HTML 40Page - STMicroelectronics AN3329 Datasheet HTML 41Page - STMicroelectronics AN3329 Datasheet HTML 42Page - STMicroelectronics AN3329 Datasheet HTML 43Page - STMicroelectronics AN3329 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 47 page
background image
PFC coil specifications
AN3329
40/47
Doc ID 18376 Rev 1
Mechanical aspect and pin numbering
●
Maximum height from PCB: 22 mm
●
Coil former type: vertical, 6+6 pins (pins #3, 4, 7, 12 are removed)
●
Pin distance: 5.08 mm
●
Row distance: 30.5 mm
Figure 63.
PFC coil mechanical aspect
Manufacturer
●
MAGNETICA
●
Inductor P/N: 2086.0001
AM08376v1
BOTTOM VIEW
(PIN SIDE)
∅ 0.8 (X7)
RECOMMENDED PCB HOLE
∅1.2 (X7)
35 MAX
6
8
1
2
9 5
6
33 MAX
21 MAX
1
2
5
6
11
9
8
5.08
30.5
Dimensions millimeters, drawing not in scale



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com