Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3329 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN3329
Description  This application note describes the characteristics and features
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3329 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN3329 Datasheet HTML 7Page - STMicroelectronics AN3329 Datasheet HTML 8Page - STMicroelectronics AN3329 Datasheet HTML 9Page - STMicroelectronics AN3329 Datasheet HTML 10Page - STMicroelectronics AN3329 Datasheet HTML 11Page - STMicroelectronics AN3329 Datasheet HTML 12Page - STMicroelectronics AN3329 Datasheet HTML 13Page - STMicroelectronics AN3329 Datasheet HTML 14Page - STMicroelectronics AN3329 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
AN3329
Harmonic content measurement
Doc ID 18376 Rev 1
11/47
3
Harmonic content measurement
The main purpose of a PFC pre-regulator is the input current shaping to reduce the
harmonic content below the limits of the relevant regulations. This demonstration board has
been tested according to the European standard EN61000-3-2 Class-D and Japanese
standard JEITA-MITI Class-D, at full load and 75 W input power, at both the nominal input
voltage mains. Figure 7 to Figure 10 show the test results. Note that the PFC stage operates
properly as it effectively reduces harmonics well below the limits of both regulations in all
conditions. Total harmonic distortion and power factor values are reported below in each
diagram.
Figure 7.
EN61000-3-2 compliance at 230 Vac
- 50 Hz, full load
Figure 8.
JEITA-MITI compliance at
100 Vac - 50 Hz, full load
Vin=230 Vac - 50 Hz, Pin=191 W
THD=4.52 %, PF=0.982
Vin=100 Vac - 50 Hz, Pin=191 W
THD=3.97 %, PF=0.999
Figure 9.
EN61000-3-2 compliance at
230 Vac - 50 Hz, 75 W
Figure 10.
JEITA-MITI compliance at
100 Vac - 50 Hz, 75 W
Vin=230 Vac - 50 Hz, Pin=75 W
THD=7.15 %, PF=0.867
Vin=100 Vac - 50 Hz, Pin=75 W
THD=5.66 %, PF=0.999



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com