Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3329 Datasheet(PDF) 27 Page - STMicroelectronics

Part # AN3329
Description  This application note describes the characteristics and features
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3329 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button AN3329 Datasheet HTML 23Page - STMicroelectronics AN3329 Datasheet HTML 24Page - STMicroelectronics AN3329 Datasheet HTML 25Page - STMicroelectronics AN3329 Datasheet HTML 26Page - STMicroelectronics AN3329 Datasheet HTML 27Page - STMicroelectronics AN3329 Datasheet HTML 28Page - STMicroelectronics AN3329 Datasheet HTML 29Page - STMicroelectronics AN3329 Datasheet HTML 30Page - STMicroelectronics AN3329 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 47 page
background image
AN3329
Functional check
Doc ID 18376 Rev 1
27/47
Overvoltage protection
Figure 54 and 55 show the OVP response, observed opening the resonant stage feedback
loop. Upon an overvoltage condition of either 24 V or 12 V output, the Zener diodes D16 and
D17 are reverse-biased and conduct respectively, forcing Q10 on by the resulting base
current, which causes Q9 to conduct shorting to ground the anode of the U5 optocoupler
and the disappearance of V_C44. Therefore, the L6564 and the L6599A are not powered.
The two transistors mentioned form a pnp-npn SCR structure that force the PFC and
resonant converter to be latched off until the 5 V standby is removed by a mains voltage
recycling. In the case of an open loop event, the 12 V and 24 V outputs reach 14.16 V and
28.26 V respectively.
Figure 52.
Startup by on/off signal at full load
and 115 Vac - 60 Hz O/P voltage
rising
Figure 53.
Turn-off at full load and 115 Vac - 60
Hz by on/off signal
CH3: 24 V output
CH1: On/off signal
CH2: CSS (pin #1)
CH4: 12 V output
CH3: V_C44
CH1: HB voltage
CH2: PFC drain
CH4: On/off signal
Figure 54.
OVP at full load and 115 Vac - 60 Hz
on 12 V - 24 V
Figure 55.
OVP at full load and 115 Vac - 60 Hz
on 12 V - 24 V - outputs detail
CH3: V_C53
CH1: HB voltage
CH2: PFC drain
CH4: V_C44
CH3: V_C53
CH1: 24 V output
CH2: 12 V output
CH4: V_C44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com