Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3329 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN3329
Description  This application note describes the characteristics and features
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3329 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN3329 Datasheet HTML 19Page - STMicroelectronics AN3329 Datasheet HTML 20Page - STMicroelectronics AN3329 Datasheet HTML 21Page - STMicroelectronics AN3329 Datasheet HTML 22Page - STMicroelectronics AN3329 Datasheet HTML 23Page - STMicroelectronics AN3329 Datasheet HTML 24Page - STMicroelectronics AN3329 Datasheet HTML 25Page - STMicroelectronics AN3329 Datasheet HTML 26Page - STMicroelectronics AN3329 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 47 page
background image
AN3329
Functional check
Doc ID 18376 Rev 1
23/47
Dynamic load operation and output voltage regulation
Figure 42 and 43 show the output voltage regulation in the case of load transients on both
the resonant stage outputs. The waveforms have been captured applying a load transient
from 0 to full load to one output while the other is delivering full load. The period of load
steps has been selected very long (1 s), to allow the output voltage to reach the steady-state
condition and output voltage waveforms have been captured using the DC coupling of the
scope to avoid waveform distortions caused by the AC coupling. A suitable offset has been
also added to waveforms in order to get the maximum resolution.
Figure 42 reports the output voltage regulation with a dynamic load on 24 V output while
the 12 V output is delivering the 2 A rated load. It can be noted that the 24 V output voltage
has a tight variation, because even considering the spikes at the current edges, it is within
+/- 4 %.
In the same way, in Figure 43 it is possible to see the output voltage regulation with a
dynamic load on the 12 V output, while the 24 V output is delivering the 6 A rated load. It can
be noted that the 12 V output has a very tight variation - within +/- 3 %.
Cross regulation
Figure 44 and 45 show the output voltage cross regulation similar to previous tests but at
300 Hz load step frequency on one output, with the other delivering the rated load.
Figure 44 shows the simulation of the backlight and audio amplifier connected to the 24 V
output. Load is varying from minimum to maximum and vice versa, as typically happens in a
flat-TV because of backlight dimming and audio power amplifiers. Even in this condition, the
24 V output has a maximum deviation of
± 4 %, mainly due to the series filter inductor L4.
The 12 V output variation due to the dynamic load on 24 V (cross-regulation) is
± 2 %,
therefore very tight and suitable to power properly the internal logic of the LCD panel.
In Figure 45 cross regulation between the 12 V and 24 V has been measured. In this image
the 12 V load is changing from 1 to 2 A, as may happen when powering the LCD panel, and
the variation of 24 V at rated load is measured. It can be noted in the image that the 12 V
output has a deviation less than
± 1.2 %, while the 24 V output variation due to the dynamic
load on 12 V (cross-regulation) is
± 0.5 %.
Figure 42.
12 V - 2 A; 24 V 0 ÷ 6 A transition at
115 Vac - 60 Hz
Figure 43.
24 V - 6 A; 12 V 0 ÷ 2 A transition at
115 Vac - 60 Hz
CH2: +24 V O/P current
CH1: +24 V O/P voltage
CH1: +12 V O/P voltage CH2: +12 V O/P current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com